Electronic Components Datasheet Search
  English  ▼

X  

KB1365 Datasheet(PDF) 7 Page - Kingbor Technology Co

Part # KB1365
Description  2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB1365 Datasheet(HTML) 7 Page - Kingbor Technology Co

  KB1365 Datasheet HTML 1Page - Kingbor Technology Co KB1365 Datasheet HTML 2Page - Kingbor Technology Co KB1365 Datasheet HTML 3Page - Kingbor Technology Co KB1365 Datasheet HTML 4Page - Kingbor Technology Co KB1365 Datasheet HTML 5Page - Kingbor Technology Co KB1365 Datasheet HTML 6Page - Kingbor Technology Co KB1365 Datasheet HTML 7Page - Kingbor Technology Co KB1365 Datasheet HTML 8Page - Kingbor Technology Co KB1365 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
KB1365
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
The KB1365 are step-down, constant-
current, high-brightness LED (HB LED) drivers. These
devices operate from a 5.5V to 40V input voltage range
and provide up to 0.5A of source and 1A of sink drive
capability to the gate of an external MOSFET. A high-
side current-sense resistor sets the output current and
a dedicated PWM dimming input (DIM) allows for a
wide range of independent pulsed dimming.
The high-side current-sensing scheme and on-board
current-setting circuitry minimize the number of exter-
nal components while delivering LED current with a
±5% accuracy, using a 1% sense resistor. See the
Functional Diagram.
Undervoltage Lockout (UVLO)
The KB1365 include a 5.0V undervoltage
lockout (UVLO) with 500mV hysteresis. When VIN falls
below 4.5V, DRV goes low, turning off the external n-chan-
nel MOSFET. DRV goes high once VIN is 5V or higher.
5V Regulator
VCC is the output of a 5V regulator capable of sourcing
10mA. Bypass VCC to GND with a 1µF capacitor.
DIM Input
The KB1365 allow dimming with a PWM
signal at the DIM input. A logic level below 0.6V at DIM
forces the KB1365’s DRV output low,
turning off the LED current. To turn the LED current on,
the logic level at DIM must be at least 2.8V.
For the values of VSNSHI and VSNSLO, see the Electrical
Characteristics.
Current Regulator Operation
The KB1365 regulate the LED output
current using an input comparator with hysteresis
(Figure 1). As the current through the inductor ramps
up and the voltage across the sense resistor reaches
the upper threshold, the voltage at DRV goes low, turn-
ing off the external MOSFET. The MOSFET turns on
again when the inductor current ramps down through
the freewheeling diode until the voltage across the
sense resistor equals the lower threshold. Use the fol-
lowing equation to determine the operating frequency:
where n = number of LEDs, VLED = forward voltage
drop of one LED, and V = (VSNSHI - VSNSLO).
f
Vn V
n V
R
VV L
SW
IN
LED
LED
SENSE
IN
=
−×
()××
×
××
∆
REV: 1.0
Setting nominal average output current with external resistor RS
The nominal average output current in the LED(s) is determined by the value of the external
current sense resistor (RS) connected between VIN and CSN and is given by:
IOUTnom = 0.2/RS
The table below gives values of nominal average output current for several preferred values of
current setting resistor (RS) in the typical application circuit shown on page 1:
RS ( )
Nominal average
output current (mA)
0.1
2000
0.57
350
0.2
1000
Detailed Description
Applications Information
Inductor selection
Recommended inductor values for the KB1365 are in the range 22 H to 220 H(100 H Typ.).
()
0.07
0.2
Rs Power w
0.4
Rs selection
0805:0.3R//0.3R//0.3R
0805:0.1R+0.1R
0805:1R//2.2R//3.6R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com