Electronic Components Datasheet Search
  English  ▼

X  

KB1365 Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB1365
Description  2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB1365 Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB1365 Datasheet HTML 1Page - Kingbor Technology Co KB1365 Datasheet HTML 2Page - Kingbor Technology Co KB1365 Datasheet HTML 3Page - Kingbor Technology Co KB1365 Datasheet HTML 4Page - Kingbor Technology Co KB1365 Datasheet HTML 5Page - Kingbor Technology Co KB1365 Datasheet HTML 6Page - Kingbor Technology Co KB1365 Datasheet HTML 7Page - Kingbor Technology Co KB1365 Datasheet HTML 8Page - Kingbor Technology Co KB1365 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Values
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
VIN
5.5
40
V
Operating temperature
Top
-40
+25
+125
3
KB1365
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
ELECTRICAL CHARACTERISTICS
RECOMMENDED OPERATION CONDITIONS
REV: 1.0
(VIN = 12V, VDIM = VCC, CVCC = 1µF, RSENSE = 0.5 , TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
5.5
40.0
V
Maximum Current Regulator
Switching Frequency
fSW
2
MHz
Ground Current
IGND
DRV open
1.5
mA
Supply Current
IIN
VDIM < 0.6V
425
µA
VIN = VCSN = VDIM, VIN rising from 4V until
VDRV > VCC - 0.5V
4.7
5.0
Undervoltage Lockout
UVLO
VIN = VCSN = VDIM, VIN falling from 6V,
VDRV < 0.5V
4.5
V
Undervoltage Lockout Hysteresis
0.5
V
SENSE COMPARATOR
(VIN - VCSN) rising from 0V until VDRV <
0.5V (25
)
215
220
225
Sense Voltage Threshold High
VSNSHI
(VIN - VCSN) rising from 0V until VDRV <
0.5V (-40 to +125 )
210
220
230
mV
(VIN - VCSN) falling from 0.26V until VDRV >
(VCC - 0.5V) (25
)
175
180
185
Sense Voltage Threshold Low
VSNSLO
(VIN - VCSN) falling from 0.26V until VDRV >
(VCC - 0.5V) (-40 to +125 )
170
180
190
mV
Propagation Delay to Output
High
tDPDH
Falling edge of (VIN - VCSN) from 0.26V to
0V to DRV high, CDRV = 1nF
82
ns
Propagation Delay to Output Low
tDPDL
Rising edge of (VIN - VCSN) from 0V to
0.26V to DRV low, CDRV = 1nF
82
ns
Current-Sense Input Current
ICSN
(VIN - VCSN) = 200mV
1
µA
40
50
mV
Current-Sense Threshold
Hysteresis
CSHYS
40
60
mV
0.5V (25
)
0.5V (-40 to +125 )



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com