Electronic Components Datasheet Search
  English  ▼

X  

TPS53124RGET Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53124RGET
Description  Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53124RGET Datasheet(HTML) 5 Page - Texas Instruments

  TPS53124RGET Datasheet HTML 1Page - Texas Instruments TPS53124RGET Datasheet HTML 2Page - Texas Instruments TPS53124RGET Datasheet HTML 3Page - Texas Instruments TPS53124RGET Datasheet HTML 4Page - Texas Instruments TPS53124RGET Datasheet HTML 5Page - Texas Instruments TPS53124RGET Datasheet HTML 6Page - Texas Instruments TPS53124RGET Datasheet HTML 7Page - Texas Instruments TPS53124RGET Datasheet HTML 8Page - Texas Instruments TPS53124RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS53124
www.ti.com ..................................................................................................................................................... SLUS825B – FEBRUARY 2008 – REVISED MAY 2008
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, , VIN = 12 V, (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
UVLO
Wake up
3.7
4
4.3
VUV5VFILT V5FILT UVLO threshold
V
Hysteresis
0.2
0.3
0.4
LOGIC Threshold
VENH
ENx H-level input voltage
EN 1/2
2
V
VENL
ENx L-level input voltage
EN 1/2
0.3
Current Sense
ITRIP
TRIP source current
VTRIPx = 0.1 V, TA = 25°C
8.5
10
11.5
µA
TCITRIP
ITRIP temperature coefficient
On the basis of 25
°C
4000
ppm/
°C
(VTRIPx-GND - VPGNDx-LLx) voltage,VTRIPx-GND = 60
-10
0
10
mV, TA = 25°C
VOCL(off)
OCP compensation offset
(VTRIPx-GND - VPGNDx-LLx) voltage, VTRIPx-GND = 60
-15
15
mV
mV
Current limit threshold setting
VR(trip)
VTRIPx-GND voltage
30
200
range
Output Undervoltage and Overvoltage Protection
VOVP
Output OVP trip threshold
OVP detect
110%
115%
120%
TOVPDEL
Output OVP prop delay
1.5
µs
UVP detect
65%
70%
75%
VUVP
Output UVP trip threshold
Hysteresis (recovery < 20
µs)
10%
TUVPDEL
Output UVP delay
17
30
40
µs
TUVPEN
Output UVP enable delay
1.2
2
2.5
ms
Thermal Shutdown
Shutdown temperature(1)
150
TSDN
Thermal shutdown threshold
°C
Hysteresis(1)
20
(1)
Ensured by design. Not production tested.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS53124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com