Electronic Components Datasheet Search
  English  ▼

X  

TPS53124RGET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53124RGET
Description  Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53124RGET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53124RGET Datasheet HTML 2Page - Texas Instruments TPS53124RGET Datasheet HTML 3Page - Texas Instruments TPS53124RGET Datasheet HTML 4Page - Texas Instruments TPS53124RGET Datasheet HTML 5Page - Texas Instruments TPS53124RGET Datasheet HTML 6Page - Texas Instruments TPS53124RGET Datasheet HTML 7Page - Texas Instruments TPS53124RGET Datasheet HTML 8Page - Texas Instruments TPS53124RGET Datasheet HTML 9Page - Texas Instruments TPS53124RGET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DEVICE INFORMATION
TPS53124
SLUS825B – FEBRUARY 2008 – REVISED MAY 2008 ..................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
GFN24
TSSOP28
Supply input for high-side NFET driver (boost terminal). Connect
VBST1,
capacitor from this pin to respective LL terminals. An internal PN diode is
23, 8
1, 14
I
VBST2
connected between VREG5 to each of these pins. User can add external
schottky diode if forward drop is critical to drive the NFET.
EN1, EN2
24, 7
3, 12
I
Channel 1 and Channel 2 enable pins.
Output connections to SMPS. These terminals serve ON-time adjustment,
VO1, VO2
1, 6
4, 11
I
output discharge.
VFB1, VFB2
2, 5
5, 10
I
SMPS feedback inputs. Connect with feedback resistor divider.
GND
3
7
I
Signal ground pin.
High-side NFET driver outputs. LL referenced floating drivers. The gate
DRVH1,
22, 9
28, 15
O
drive voltage is defined by the voltage across VBST to LL node flying
DRVH2
capacitor.
Switch-node connections for high-side drivers. Also serve as input to
LL1, LL2
21, 10
27, 16
I/O
current comparators.
DRVL1,
Synchronous NFET driver outputs. PGND referenced drivers. The gate
20, 11
26, 17
O
DRVL2
drive voltage is defined by VREG5 voltage.
Ground returns for DRVL1 and DRVL2. Also serve as input of current
PGND1,
19, 12
25, 18
I/O
comparators. Connect PGND1, PGND2 and GND strongly together near
PGND2
the device.
Over-current trip point set input. Connect resistor from this pin to GND to
TRIP1,
set threshold for synchronous RDS(on) sense. Voltage across this pin and
18, 13
24, 19
I
TRIP2
GND is compared to voltage across PGND and LL at over current
comparator.
VIN
17
23
I
Supply Input for 5-V linear regulator.
5-V supply input for the entire control circuit except the NFET drivers.
V5FILT
15
21
I
Connect capacitor (typical 1
µF) from GND to V5FILT. V5FILT is
connected to VREG5 via internal resistor.
5-V power supply output. VREG5 is connected to V5FILT via internal
VREG5
16
20
O
resistor.
TEST1,
4, 14
8, 20
I/O
Used for test only. Pin should be connected to GND
TEST2
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS53124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com