Electronic Components Datasheet Search
  English  ▼

X  

TPS53124RGET Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53124RGET
Description  Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53124RGET Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS53124RGET Datasheet HTML 5Page - Texas Instruments TPS53124RGET Datasheet HTML 6Page - Texas Instruments TPS53124RGET Datasheet HTML 7Page - Texas Instruments TPS53124RGET Datasheet HTML 8Page - Texas Instruments TPS53124RGET Datasheet HTML 9Page - Texas Instruments TPS53124RGET Datasheet HTML 10Page - Texas Instruments TPS53124RGET Datasheet HTML 11Page - Texas Instruments TPS53124RGET Datasheet HTML 12Page - Texas Instruments TPS53124RGET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DETAILED DESCRIPTION
PWM Operation
Low-Side Driver
High-Side Driver
PWM Frequency and Adaptive On-Time Control
Soft Start
Output Discharge Control
TPS53124
www.ti.com ..................................................................................................................................................... SLUS825B – FEBRUARY 2008 – REVISED MAY 2008
The main control loop of the switching mode power supply (SMPS) is designed as an adaptive on-time pulse
width modulation (PWM) controller. It supports a proprietary D-CAP™ Mode. D-CAP™ Mode uses internal
compensation circuit and is suitable for low external component count configuration with appropriate amount of
ESR at the output capacitor(s). The output ripple bottom voltage is monitored at a feedback point voltage.
At the beginning of each cycle, the synchronous high-side MOSFET is turned on, or becomes ON state. This
MOSFET is turned off, or becomes OFF state, after internal one-shot timer expires. This one shot is determined
by the converter’s input voltage ,VIN, and the output voltage ,VOUT, to keep frequency fairly constant over the
input voltage range, hence it is called adaptive on-time control. The high-side MOSFET is turned on again when
feedback information indicates insufficient output voltage. Repeating operation in this manner, the controller
regulates the output voltage.
The low-side driver is designed to drive high current low RDS(on) N-channel MOSFET(s). The drive capability is
represented by its internal resistance. A dead time to prevent shoot through is internally generated between
high-side MOSFET off to low-side MOSFET on, and low-side MOSFET off to high-side MOSFET on. 5-V bias
voltage is delivered from internal regulator VREG5 output. The instantaneous drive current is supplied by an
input capacitor connected between VREG5 and GND. The average drive current is equal to the gate charge at
VGS = 5 V times switching frequency. This gate drive current as well as the high-side gate drive current times 5 V
makes the driving power which need to be dissipated from TPS53124 package.
The high-side driver is designed to drive high current, low RDS(on) N-channel MOSFET(s). When configured as a
floating driver, 5-V bias voltage is delivered from VREG5 supply. The average drive current is also calculated by
the gate charge at VGS = 5 V times switching frequency. The instantaneous drive current is supplied by the flying
capacitor between VBSTx and LLx pins. The drive capability is represented by its internal resistance.
TPS53124 employs adaptive on-time control scheme and does not have a dedicated oscillator on board.
However, the part runs with pseudo-constant frequency by feed-forwarding the input and output voltage into the
on-time one-shot timer. The on-time is controlled inverse proportional to the input voltage and proportional to the
output voltage so that the duty ratio will be kept as VOUT/VIN technically with the same cycle time.
The TPS53124 has an internal, 1.2 ms, voltage servo softstart for each channel. When the ENx pin becomes
high, an internal DAC begins ramping up the reference voltage to the PWM comparator. Smooth control of the
output voltage is maintained during start up. As TPS53124 shares one DAC with both channels, if ENx pin is set
to high while another channel is starting up, soft start is postponed until another channel soft start has
completed. If both of EN1 and EN2 are set high at a same time, both channels start up at same time.
TPS53124 discharges the output when ENx is low, or the controller is turned off by the protection functions
(OVP, UVP, UVLO, and thermal shutdown). TPS53124 discharges outputs using an internal 40-
Ω MOSFET
which is connected to VOx and PGNDx. The external low-side MOSFET is not turned on for the output discharge
operation to avoid the possibility of causing negative voltage at the output.
This discharge ensures that, on start, the regulated voltage always start from zero volts.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS53124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com