Electronic Components Datasheet Search
  English  ▼

X  

AM452 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM452 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AM452 Datasheet HTML 3Page - Analog Microelectronics AM452 Datasheet HTML 4Page - Analog Microelectronics AM452 Datasheet HTML 5Page - Analog Microelectronics AM452 Datasheet HTML 6Page - Analog Microelectronics AM452 Datasheet HTML 7Page - Analog Microelectronics AM452 Datasheet HTML 8Page - Analog Microelectronics AM452 Datasheet HTML 9Page - Analog Microelectronics AM452 Datasheet HTML 10Page - Analog Microelectronics AM452 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 7/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
BOUNDARY CONDITIONS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Sense Resistor
R0
IOUTFS = 20mA
16
27
38
Ω
R0
c = 20mA/IOUTFS
c
⋅ 16
c
⋅ 27
c
⋅ 38
Ω
Stabilization Resistor
R5
IOUTFS = 20mA
35
40
45
Ω
R5
c = 20mA/IOUTFS
c
⋅ 35
c
⋅ 40
c
⋅ 45
Ω
Load Resistance
RL
Only for 3-wire operation
0
600
Ω
Sum Gain Resistors
R1 + R2
20
200
k
Ω
Sum Offset Resistors
R3 + R4
20
200
k
Ω
Sum IA Offset Resistor
R6 + R7
20
200
k
Ω
VREF Capacitance
C1
Min. value for Tamb 85°C
1.9
2.2
5.0
µF
Output Capacitance
C2
Only for 2-wire operation
90
100
250
nF
D1 Breakdown Voltage
VBR
35
50
V
T1 Forward Current Gain
βF
e.g. BCX54/55/56
50
150
Table 2: Boundary conditions
NB: In 2-wire operation and with the connected resistors capacitance C2 acts as a low pass
filter with a time constant of τ = RL C2.
V
BG
13
IA
5
14
11
10
8
16
12
15
Voltage Reference
1
7
OP1
Ground
I
OUT
R
1
R
2
C
1
R
0
T
1
D
1
R
5
3
4
2
AM452
OP2
V
ZA
V
IN+
V
IN-
R
3
R
4
V
OP
G
SET
V
C VREF
V
SET
V
REF
V
S
V
CVSET
V
REF
R
6
R
7
G
SET
G
VI
V/I Converter
G
VI
9
SET Stage
ZERO Stage
GND
Figure 2: Block diagram of AM452 (3-wire version).
Figure 2 shows AM452 as
a 3-wire application where
output current IOUT min >
0mA is set using the
instrumentation amplifier
(with a negative offset at
the IA input) and the SET
stage. The gain on the
maximum output current
is adjusted using OP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com