Electronic Components Datasheet Search
  English  ▼

X  

AM452 Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM452 Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AM452 Datasheet HTML 6Page - Analog Microelectronics AM452 Datasheet HTML 7Page - Analog Microelectronics AM452 Datasheet HTML 8Page - Analog Microelectronics AM452 Datasheet HTML 9Page - Analog Microelectronics AM452 Datasheet HTML 10Page - Analog Microelectronics AM452 Datasheet HTML 11Page - Analog Microelectronics AM452 Datasheet HTML 12Page - Analog Microelectronics AM452 Datasheet HTML 13Page - Analog Microelectronics AM452 Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 10/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
OPERATING AM452
2- and 3-wire applications in general [2]
As AM452 can function in both 2- and 3-wire operation through external contacting, it is
important to first differentiate between the two versions of the circuit.
In 2-wire operation the IC ground is "virtual" (floating), as with a constant load resistance the
IC supply voltage VCC changes according to the current. The following equation can generally
be applied to 2-wire operation:
( )
L
IN
OUT
S
CC
R
V
I
V
V
−
=
(5)
The reason for this is that in 2-wire operation the IC is connected in series to the actual load
resistor RL. This is illustrated in Figure 3.
In a 2-wire system the power consumption of the overall system (AM452 plus all external
components including the signal source and adjusting resistors) may not be more than IOUTmin
(e.g. 4mA).
In 3-wire operation Equation (5) no longer applies as the IC ground is connected to the
ground of the system. In 3-wire operation the supply voltage can be expressed as:
VCC = VS
(6)
R
L
V
S
2-wire system
signal source and
conditioning IC
GND Ground
≠
V
CC ≠ VS
Ground
R
L
3-wire system
signal source and
conditioning IC
GND Ground
=
V
CC = VS
Ground GND
=
GND
V
CC
I
OUT
I
OUT
VV
CC
S
=
Figure 3: The basic difference between a 2- and 3-wire circuit
NB: The difference between GND and Ground must be clearly acknowledged!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com