Electronic Components Datasheet Search
  English  ▼

X  

AM452 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM452 Datasheet(HTML) 1 Page - Analog Microelectronics

  AM452 Datasheet HTML 1Page - Analog Microelectronics AM452 Datasheet HTML 2Page - Analog Microelectronics AM452 Datasheet HTML 3Page - Analog Microelectronics AM452 Datasheet HTML 4Page - Analog Microelectronics AM452 Datasheet HTML 5Page - Analog Microelectronics AM452 Datasheet HTML 6Page - Analog Microelectronics AM452 Datasheet HTML 7Page - Analog Microelectronics AM452 Datasheet HTML 8Page - Analog Microelectronics AM452 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 1/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
PRINCIPLE FUNCTION
Amplification and conversion of differential input voltages (±400mV with a CMIR
of 1.5 – VCC-3V) into an adjustable current output of 0/4...20mA, for example. The
offset and maximum output currents are independently adjustable in a wide range.
The IC is suitable for both 2- and 3-wire applications and as a HART® carrier IC.
TYPICAL APPLICATIONS
Transducers for differential input signals in current output values for:
• Transducers for sensor applications with an internal sensing element supply
• Drivers for the analog industrial power grid (e.g. remote display in current loop operation)
• Differential impedance converters
• Carrier for standard HART® protocol communications
• Modular signal conditioning with digital correction (Frame concept [1])
I
OUT = z.B.0/4...20mA
AM452
V
CC = 6…35V
I
S = max 10mA
Differential input
mV
00
± 4
V
REF= 5/10V


Similar Part No. - AM452

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
AM452 WOLFSPEED-AM452 Datasheet
341Kb / 21P
Voltage-to-current transducer IC with a differential input
February 2008 Rev 1.2
logo
Analog Microelectronics...
AM452 ANALOGMICRO-AM452 Datasheet
341Kb / 21P
Voltage-to-current transducer IC with a differential input
February 2008
logo
Analog Power
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
P & N-Channel 20-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4520H DOINGTER-AM4520H Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET use advanced trench Technology
logo
Analog Power
AM4528C ANALOGPOWER-AM4528C Datasheet
170Kb / 4P
P & N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM452

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1663 NEC-UPC1663 Datasheet
93Kb / 16P
DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Analog Devices
CAV424 AD-CAV424 Datasheet
419Kb / 16P
C/U transducer IC with adjustable output voltage
logo
PHOENIX CONTACT
2806074 PHOENIX-2806074 Datasheet
54Kb / 4P
Differential current converter for type A differential current monitor.
2806100 PHOENIX-2806100 Datasheet
50Kb / 4P
Differential current converter for type A differential current monitor.
100241 PHOENIX-100241 Datasheet
1Mb / 19P
Current transducer up to 55 A, programmable and configurable
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4641-X901 VACUUMSCHMELZE-T60404-N4641-X901 Datasheet
1Mb / 7P
Differential Current Sensor for IC-CPD
T60404-N4641-X900 VACUUMSCHMELZE-T60404-N4641-X900 Datasheet
413Kb / 7P
Differential Current Sensor for IC-CPD
logo
WAGO Kontakttechnik Gmb...
750-471 WAGO-750-471 Datasheet
418Kb / 8P
4-channel analog input; Voltage/Current; Differential input; 16 bits;
logo
WOLFSPEED, INC.
AM452 WOLFSPEED-AM452 Datasheet
341Kb / 21P
Voltage-to-current transducer IC with a differential input
February 2008 Rev 1.2
logo
Guangdong Youtai Semico...
LM2903DR UMW-LM2903DR Datasheet
498Kb / 4P
Differential Input Voltage Range Equal to Power Supply Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com