Electronic Components Datasheet Search
  English  ▼

X  

AM452 Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM452 Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AM452 Datasheet HTML 5Page - Analog Microelectronics AM452 Datasheet HTML 6Page - Analog Microelectronics AM452 Datasheet HTML 7Page - Analog Microelectronics AM452 Datasheet HTML 8Page - Analog Microelectronics AM452 Datasheet HTML 9Page - Analog Microelectronics AM452 Datasheet HTML 10Page - Analog Microelectronics AM452 Datasheet HTML 11Page - Analog Microelectronics AM452 Datasheet HTML 12Page - Analog Microelectronics AM452 Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 9/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
SET stage
The SET stage permits the adjustment of the offset output current IOUTmin > 0mA. Together
with the V/I converter it effects the output current IOUT. Via pin 16 (SET) an offset current
ISET can be set at pin 8 (IOUT) e.g. with the help of the internal voltage reference and an
external voltage divider as shown in Figure 2, for example.
Voltage-to-current converter (V/I converter)
The voltage-to-current converter (V/I converter) compares the voltage drop across the
external sensing resistor R0 with a value of VSET GSET + VOP GVI and uses the result to
regulate transistor T1. It generates a suitable signal at the IC output pin 8 (IOUT) which
activates external transistor T1. This in turn supplies an output current of IOUT and accepts
the power dissipation of the output stage.
External resistor R0 permits the output current to be finely adjusted. For the output current
IOUT amplified by T1 the following ratio applies:
SET
VI
OP
OUT
I
R
G
V
I
+
⋅
=
0
=
SET
OP
I
R
V
+
0
8
with
0
R
G
V
I
SET
SET
SET
⋅
=
=
0
2R
V
SET
(3)/(4)
where VOP is the input voltage of the V/I converter and VSET the voltage at pin 16 (SET).
Reference voltage source
The reference voltage source (bandgap voltage source) enables voltage to be supplied to
external components (such as sensors, microprocessors, etc.). The reference voltage value
VREF can be set using pin 12 (VSET). If pin 12 is not connected, VREF = 5V; if pin 12 is
switched to ground, VREF = 10V. Values between these can be set if two external resistors
are used (inserted between pin 15 (VREF) and pin 12 (VSET) and between pin 12 (VSET)
and GND).
External capacitor C1 stabilizes the reference voltage. It must be connected even if the voltage
reference is not in use. It may not undershoot the given minimum value.
Additional operational amplifier OP2
The additional operational amplifier OP2 can be used as a current or voltage source to
supply external components. OP2's positive input must be connected internally to bandgap
voltage VBG so that the OP2 output voltage at pin 1 or CVREF can be set across a wide
range using external resistors.
The individual modules are described separately in the specifications. The reference voltage
source and the operational amplifier OP2 can be operated as independent circuit elements or
modules. Instrumentation amplifier IA, operational amplifier OP1 and the V/I converter form
a unit within the circuit and have the task of converting the voltage input signal into the
required output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com