Electronic Components Datasheet Search
  English  ▼

X  

5L35021 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 5L35021
Description  VersaClock® 3S Programmable Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5L35021 Datasheet(HTML) 1 Page - Renesas Technology Corp

  5L35021 Datasheet HTML 1Page - Renesas Technology Corp 5L35021 Datasheet HTML 2Page - Renesas Technology Corp 5L35021 Datasheet HTML 3Page - Renesas Technology Corp 5L35021 Datasheet HTML 4Page - Renesas Technology Corp 5L35021 Datasheet HTML 5Page - Renesas Technology Corp 5L35021 Datasheet HTML 6Page - Renesas Technology Corp 5L35021 Datasheet HTML 7Page - Renesas Technology Corp 5L35021 Datasheet HTML 8Page - Renesas Technology Corp 5L35021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
©2017-2025 Renesas Electronics Corporation
December 15, 2025
Description
The 5L35021 is a member of the VersaClock 3S programmable
clock generator family with 1.8V operation voltage, and is
designed for industrial, consumer, and PCI Express applications.
The device features a 3 PLL architecture design; each PLL is
individually programmable and allowing up to 6 unique frequency
outputs.
The 5L35021 has built-in features such as Proactive Power
Saving (PPS), Performance-Power Balancing (PPB), Overshoot
Reduction Technology (ORT) and extreme low power DCO. An
internal OTP memory allows the user to store the configuration in
the device without programming after power up, then program the
5L35021 again through the I2C interface.
The device has programmable VCO and PLL source selection,
allowing power-performance optimization based on the application
requirements.
Typical Applications
▪ Embedded computing devices
▪ Consumer application crystal replacements
▪ SmartDevice, Handheld, and Consumer applications
Key Specifications
▪ PCIe Gen1/2/3 compliant
▪ Typical 1.5ps rms jitter integer range: 12kHz–20MHz
▪ Typical ultra-power-down current 50μA
▪ < 2μA RTC clock in Suspend Mode operation
Features
▪ Configurable OE pin function as OE, PD#, PPS or DFC control
function
▪ Configurable PLL bandwidth; minimizes jitter peaking
▪ PPS: Proactive Power Saving features save power during the
end device power down mode
▪ PPB: Performance Power Balancing feature allows minimum
power consumption based on required performance
▪ DFC: Dynamic Frequency Control feature allows user to
dynamically switch between and up to 4 different frequencies
smoothly
▪ Spread spectrum clock to lower system EMI
▪ I2C interface
▪ Suspend Mode, featuring RTC clock only when system goes
into low-power operation modes
Output Features
▪ 2 DIFF outputs with configurable LPHSCL, LVCMOS output
pairs: 1MHz–250MHz (125MHz with LVCMOS mode)
▪ 1 LVCMOS output: 1MHz–125MHz
▪ LVPECL, LVDS, CML and SSTL logic can be easily supported
with the LP-HCSL outputs. See application note AN-891 for
alternate terminations
▪ Maximum of 5 LVCMOS outputs as REF + 3 × SE + 2 ×
DIFF_T/C as LVCMOS
▪ Low-power 32.768kHz clock supported for SE1 output
Block Diagram
OSC
PLL2
DIFF1
PLL3
SDA_DFC0
SEL_DFC/ SCL_DFC1
VDDDIFF 1
CLKIN/X1
32.768K
DCO
Calibration
PLL1
Mux
&
Divider
X2
VDD18
Programmable
Load Capacitor
DIFF1B
DIFF2
DIFF2B
VDDDIFF 2
VDDSE1
SE1
OE1
VDDA
VBAT
5L35021
Datasheet
VersaClock® 3S Programmable
Clock Generator


Similar Part No. - 5L35021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5L35021 IDT-5L35021 Datasheet
536Kb / 37P
Clock Generator
5L35021 IDT-5L35021 Datasheet
456Kb / 37P
VersaClock 3S Programmable Clock Generator
logo
Renesas Technology Corp
5L35021 RENESAS-5L35021 Datasheet
969Kb / 39P
VersaClock® 3S Programmable Clock Generator
October 4, 2019
logo
Integrated Device Techn...
5L35021-000NDGI IDT-5L35021-000NDGI Datasheet
536Kb / 37P
Clock Generator
logo
Renesas Technology Corp
5L35021-000NDGI RENESAS-5L35021-000NDGI Datasheet
969Kb / 39P
VersaClock® 3S Programmable Clock Generator
October 4, 2019
More results

Similar Description - 5L35021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P35021 IDT-5P35021 Datasheet
393Kb / 34P
VersaClock Programmable Clock Generator
5P35023 IDT-5P35023 Datasheet
423Kb / 34P
VersaClock Programmable Clock Generator
5L35021 IDT-5L35021_17 Datasheet
456Kb / 37P
VersaClock 3S Programmable Clock Generator
logo
Renesas Technology Corp
5L35021 RENESAS-5L35021 Datasheet
969Kb / 39P
VersaClock® 3S Programmable Clock Generator
October 4, 2019
5L35023 RENESAS-5L35023 Datasheet
935Kb / 39P
VersaClock® 3S Programmable Clock Generator
November 30, 2022
5P35021-152 RENESAS-5P35021-152 Datasheet
945Kb / 40P
VersaClock® Programmable Clock Generator
Mar 30, 2016
5P49V6965 RENESAS-5P49V6965 Datasheet
1Mb / 29P
VersaClock® 6E Programmable Clock Generator
Aug 1, 2022
5P49V6967 RENESAS-5P49V6967 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Aug 30, 2022
5P49V6968 RENESAS-5P49V6968 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Sep 28, 2022
5X35023 RENESAS-5X35023 Datasheet
949Kb / 42P
VersaClock® Programmable Clock Generator
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com