Electronic Components Datasheet Search
  English  ▼

X  

5L35021 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 5L35021
Description  VersaClock® 3S Programmable Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5L35021 Datasheet(HTML) 2 Page - Renesas Technology Corp

  5L35021 Datasheet HTML 1Page - Renesas Technology Corp 5L35021 Datasheet HTML 2Page - Renesas Technology Corp 5L35021 Datasheet HTML 3Page - Renesas Technology Corp 5L35021 Datasheet HTML 4Page - Renesas Technology Corp 5L35021 Datasheet HTML 5Page - Renesas Technology Corp 5L35021 Datasheet HTML 6Page - Renesas Technology Corp 5L35021 Datasheet HTML 7Page - Renesas Technology Corp 5L35021 Datasheet HTML 8Page - Renesas Technology Corp 5L35021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
5L35021 Datasheet
2
©2017-2025 Renesas Electronics Corporation
December 15, 2025
Pin Assignments
Figure 1. Pin Assignments for 3 x 3 mm 20-VFQFPN Package – Top View
Pin Descriptions
Table 1. Pin Descriptions
Number
Name
Type
Description
1
VDDA
Power
VDD 1.8V
2
SDA_DFC0
I/O
I2C data pin. The pin can be DFC0 function by pin 3 SEL_DFC power-on latch status.
3
SEL_DFC/
SCL_DFC1
Input
I2C CLK pin.
SEL_DFC is a latch input pin during the power-up.
High on power-on: I2C mode as SCLK function.
Low on power-on: pin 3 SCL and pin 2 SDA as DFC function control pins.
4
CLKIN/X2
I/O
Crystal oscillator interface output or differential clock input pin (CLKIN).
5
CLKINB/X1
Input
Crystal oscillator interface input or differential clock input pin (CLKINB).
6
VBAT
Power
Power supply pin for 32.768kHz DCO; usually connect to coin cell battery, 1.8V.
Unused VBAT can be connected to VDD18.
7
VSS
Power
Connect to ground.
8
VDD18
Power
VDD 1.8V.
9
VSSSE1
Power
Connect to ground.
10
VDDSE1
Power
Output power supply. Connect to 1.8V. Sets output voltage levels for SE1.
11
SE1
Output
Output clock SE1.
12
OE1
Input
OE1’s function selected from OTP pre-programmed register bits.
OE1 pull to 6.5V when burn OTP registers.
Refer to OE Pin Functions table for details.
3 x 3 mm 20-QFN
5L35021
CLKINB/X1
CLKIN/X2
SEL_DFC/SCL_DFC1
SDA_DFCO
VDDA
2
3
4
5
SE1
OE1
VDDDIFF1
DIFF1B
DIFF1
67
8
9
10
20
19
18
17
16
1
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com