Electronic Components Datasheet Search
  English  ▼

X  

5L35021 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 5L35021
Description  VersaClock® 3S Programmable Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5L35021 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 5L35021 Datasheet HTML 9Page - Renesas Technology Corp 5L35021 Datasheet HTML 10Page - Renesas Technology Corp 5L35021 Datasheet HTML 11Page - Renesas Technology Corp 5L35021 Datasheet HTML 12Page - Renesas Technology Corp 5L35021 Datasheet HTML 13Page - Renesas Technology Corp 5L35021 Datasheet HTML 14Page - Renesas Technology Corp 5L35021 Datasheet HTML 15Page - Renesas Technology Corp 5L35021 Datasheet HTML 16Page - Renesas Technology Corp 5L35021 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
5L35021 Datasheet
13
©2017-2025 Renesas Electronics Corporation
December 15, 2025
Table 19. DIFF2 Output
DFC – Dynamic Frequency Control
▪ OTP programmable–4 different feedback fractional dividers (4 VCO frequencies) that apply to PLL2.
▪ ORT (over shoot reduction) function will be applied automatically during the VCO frequency change.
▪ Smooth frequency incremental or decremental from current VCO to targeted VCO base on DFC hardware pins selection.
Figure 2. DFC Function Block Diagram
Table 20. DFC Function Priority
* The 5L35021 has only OE1 pin for DFC function hardware pin selection. For OE1/OE3 two pins DFC control, use 5L35023 24-QFN
package device.
DIFF2
B35<7>
B0<3>
From PLL1 + Divider 1
0
0
From PLL2 + Divider 3
1
0
From REF + Divider 1
0
1
DFC_EN bit (W32[4])
OE1_fun_sel
(W30[6:5])
*OE3_fun_sel
(W30[3:2])
SCL_DFC1
DFC[1:0]
Notes
0
x
x
x
0
DFC disable
1
11 (DFC)
00–10 (DFC)
x
[0,OE1]
One pin DFC–OE1
1
11 (DFC)
11 (DFC)
x
[OE3,OE1]
Two pin DFC–OE3,
OE1
1
00–10
11
x
Not permitted
Not supported
1
00–10
00–10
0
[SCL_DFC1,
SDA_DFC0]
I2C pin as DFC
control pins mode
1
00–10
00–10
1
W30[1:0]
I2C control DFC
mode
PLL2
M divider
N divider
N divider
N divider
N divider
Selector
00
01
10
11
DFC1:0
OTP/I2C
OUT DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com