Electronic Components Datasheet Search
  English  ▼

X  

5L35021 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 5L35021
Description  VersaClock® 3S Programmable Clock Generator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5L35021 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 5L35021 Datasheet HTML 17Page - Renesas Technology Corp 5L35021 Datasheet HTML 18Page - Renesas Technology Corp 5L35021 Datasheet HTML 19Page - Renesas Technology Corp 5L35021 Datasheet HTML 20Page - Renesas Technology Corp 5L35021 Datasheet HTML 21Page - Renesas Technology Corp 5L35021 Datasheet HTML 22Page - Renesas Technology Corp 5L35021 Datasheet HTML 23Page - Renesas Technology Corp 5L35021 Datasheet HTML 24Page - Renesas Technology Corp 5L35021 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
5L35021 Datasheet
21
©2017-2025 Renesas Electronics Corporation
December 15, 2025
If using an input of 3.3V or 2.5V or 1.8V to drive the part, a voltage divider configuration like this is needed:
Figure 8. LVCMOS Driver to XTAL Input Interface
Driving XIN with an LVPECL Driver
Figure x. shows an example of the interface diagram for a +3.3V LVPECL driver. This is a standard LVPECL termination with one side of
the driver feeding the CLKINB/X1 input. It is recommended that all components in the schematics be placed in the layout; though some
components might not be used, they can be utilized for debugging purposes. The datasheet specifications are characterized and
guaranteed by using a quartz crystal as the input. If the driver is 2.5V LVPECL, the only change necessary is to use the appropriate value
of R3.
Figure 9. Overdriving XIN with an LVPECL Driver
CLKIN is able to accept both LVDS and LVPECL input signals as it is internally AC coupled. However, occasionally, it is desired to have
CLKIN to take CMOS levels. This is achieved by using the same configuration as shown in Figure 8, without the C3 capacitor.
Table 29. Nominal Voltage Divider Values for Overdriving XIN with Single-ended Driver
LVCMOS Driver
VDD
Ro+Rs
R1
R2
V_XIN
R0+R1+R2
3.3
50.0
130
75
0.97
255
2.5
50.0
100
100
1.00
250
1.8
50.0
62
130
0.97
242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com