Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVT.A Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS73201DBVT.A
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73201DBVT.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS73201DBVT.A Datasheet HTML 17Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 18Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 19Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 20Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 21Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 22Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 23Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 24Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
7.2.1 Design Requirements
R1 and R2 are calculated for any output voltage using the formula below. Sample resistor values for common
output voltages are given in Figure 6-2.
VOUT= R1+R2R2 ×1.204
(4)
For best accuracy, make the parallel combination of R1 and R2 approximately equal to 19kΩ. This 19kΩ, in
addition to the internal 8kΩ resistor, presents the same impedance to the error amplifier as the 27kΩ band-gap
reference output. This impedance helps compensate for leakages into the error amplifier terminals.
7.2.2 Detailed Design Procedure
7.2.2.1 Input and Output Capacitor Requirements
Although an input capacitor is not required for stability, good analog design practice is to connect a 0.1μF to 1μF,
low ESR capacitor across the input supply near the regulator. This capacitor counteracts reactive input sources
and improves transient response, noise rejection, and ripple rejection. A higher-value capacitor is necessary if
large, fast rise-time load transients are anticipated or the device is located several inches from the power source.
The TPS732 does not require an output capacitor for stability and has maximum phase margin with no capacitor.
The device is designed to be stable for all available types and values of capacitors. In applications where
multiple low ESR capacitors are in parallel, ringing potentially occurs when the product of COUT and total ESR
drops below 50nF × Ω. Total ESR includes all parasitic resistances, including capacitor ESR and board, socket,
and solder joint resistance. In most applications, the sum of capacitor ESR and trace resistance meets this
requirement.
7.2.2.2 Transient Response
The low open-loop output impedance provided by the NMOS pass transistor in a voltage follower configuration
allows operation without an output capacitor for many applications. As with any regulator, the addition of a
capacitor (nominal value 1μF) from the OUT pin to ground reduces undershoot magnitude but increases the
duration. In the adjustable version, the addition of a capacitor, CFB, from the OUT pin to the FB pin also improves
transient response.
The TPS732 does not have active pulldown when the output is overvoltage. This feature allows applications
that connect higher voltage sources, such as alternate power supplies, to the output. This feature also results in
an output overshoot of several percent if the load current quickly drops to zero when a capacitor is connected
to the output. The duration of overshoot is reduced by adding a load resistor. The overshoot decays at a rate
determined by output capacitor COUT and the internal or external load resistance. The rate of decay is given by:
(Fixed voltage versions)
dV/dt= VOUT
COUT×80kΩ∥RLOAD
(5)
(Adjustable voltage version)
dVdt=
VOUT
COUT×80kΩ R1+R2 RLOAD
(6)
www.ti.com
TPS732
SBVS037S – AUGUST 2003 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com