Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVT.A Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS73201DBVT.A
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73201DBVT.A Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS73201DBVT.A Datasheet HTML 24Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 25Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 26Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 27Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 28Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 29Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 30Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 31Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
8.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision R (May 2025) to Revision S (April 2026)
Page
• Added silicon 5V output ground current specification.........................................................................................5
Changes from Revision Q (September 2024) to Revision R (May 2025)
Page
• Added new silicon DBV thermals....................................................................................................................... 4
• Updated DRB (VSON) for DRB0008A package outline..................................................................................... 4
• Changed legacy chip to legacy silicon in Device Nomenclature table..............................................................27
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
TPS732
SBVS037S – AUGUST 2003 – REVISED APRIL 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com