Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVT.A Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS73201DBVT.A
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73201DBVT.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73201DBVT.A Datasheet HTML 6Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 7Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 8Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 9Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 10Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 11Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 12Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 13Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
5.8 Typical Characteristics (continued)
for all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1μF (unless otherwise
noted)
600
550
500
450
400
350
300
250
1.5
2.5
3.0
3.5
4.0
4.5
5.0
2.0
5.5
V
IN (V)
Legacy silicon
Figure 5-19. Current Limit vs VIN
New silicon
Figure 5-20. Current Limit vs VIN
600
550
500
450
400
350
300
250
-50
- 25
0
25
50
75
100
125
Temperature (°C)
Legacy silicon
Figure 5-21. Current Limit vs Temperature
New silicon
Figure 5-22. Current Limit vs Temperature
10k
10
90
80
70
60
50
40
30
20
10
0
100
1k
100k
1M
10M
Frequency (Hz)
I
OUT = 1 mA
C
OUT = 1 mF
I
OUT = Any
C
OUT = 0 mF
V
IN = VOUT + 1 V
I
OUT = 1 mA
C
OUT = Any
I
OUT = 1 mA
C
OUT = 10mF
I
OUT = 100 mA
C
OUT = Any
I
OUT = 100 mA
C
OUT = 10 mF
I
O = 100 mA
C
O = 1mF
Legacy silicon
Figure 5-23. PSRR (Ripple Rejection) vs Frequency
New silicon
Figure 5-24. PSRR (Ripple Rejection) vs Frequency
TPS732
SBVS037S – AUGUST 2003 – REVISED APRIL 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com