Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVT.A Datasheet(PDF) 40 Page - Texas Instruments

Part # TPS73201DBVT.A
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73201DBVT.A Datasheet(HTML) 40 Page - Texas Instruments

Back Button TPS73201DBVT.A Datasheet HTML 36Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 37Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 38Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 39Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 40Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 41Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 42Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 43Page - Texas Instruments TPS73201DBVT.A Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
www.ti.com
PACKAGE OUTLINE
C
7.26
6.86
5.08
5X 0.51
0.41
1.27
TYP
3.05
2.95
1.8 MAX
0.10
0.02
0.32
0.24
0.25
GAGE PLANE
A
6.6
6.4
NOTE 3
B
3.6
3.4
NOTE 3
1.14
0.91
0 -8
TYP
(1.6)
SOT - 1.8 mm max height
DCQ0006A
PLASTIC SMALL OUTLINE
4214845/C 11/2021
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
0.1
C A B
0.1
C A B
1
5
6
PIN 1
INDEX AREA
SEATING PLANE
0.08
SCALE 2.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com