Electronic Components Datasheet Search
  English  ▼

X  

FC-7 Datasheet(PDF) 28 Page - ABB

Part # FC-7
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FC-7 Datasheet(HTML) 28 Page - ABB

Back Button FC-7 Datasheet HTML 24Page - ABB FC-7 Datasheet HTML 25Page - ABB FC-7 Datasheet HTML 26Page - ABB FC-7 Datasheet HTML 27Page - ABB FC-7 Datasheet HTML 28Page - ABB FC-7 Datasheet HTML 29Page - ABB FC-7 Datasheet HTML 30Page - ABB FC-7 Datasheet HTML 31Page - ABB FC-7 Datasheet HTML 32Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
4
4/8
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915
Conduit
Type EH-RCC, RCC & TM-GM
EH38-RCC13
A
T
EH-RCC
RCC
B
19mm
C
6.5mm
ØA
C
D
ØB
TM03-GM1219
Girder clips for conduit or cable
Part no.
ABB order code
T (mm)
A (mm)
B (mm)
C (mm)
Material
finishes
Quantity
(pieces)
EH38-RCC13
7TCA084030R1160
3-8
13
51
–
F8+
25
EH38-RCC15
7TCA084030R1162
3-8
15
53
–
F8+
25
EH814-RCC13
7TCA084030R1191
8-14
13
51
–
F8+
25
EH814-RCC15
7TCA084030R1193
8-14
15
53
–
F8+
25
EH1420-RCC13
7TCA084030R1129
14-20
13
51
–
F8+
25
EH1420-RCC15
7TCA084030R1131
14-20
15
53
–
F8+
25
RCC-6-FU
7TCA084220R0349 –
6
–
29
F8+
100
RCC-8
7TCA084220R0350 –
8
–
31
F8+
100
RCC-10
7TCA084220R0344 –
10
–
33
F8+
100
RCC-13
7TCA084220R0345 –
13
–
36
F8+
100
RCC-15
7TCA084220R0346 –
15
–
38
F8+
100
RCC-20
7TCA084220R0347 –
20
–
43
F8+
100
RCC-25
7TCA084220R0348 –
25
–
48
F8+
100
Purlin clips for conduit
Part no.
ABB order code
T
(mm)
ØA
(mm)
ØB
(mm)
C
(mm)
D
(mm)
PG type
Load
rating (kg)
Material
finishes
Quantity
(pieces)
TM03-GM1219 7TCA084030R1824 1-3
12-19
6.5
58
45˚
7/9/11
45
F8+
25
TM03-GM1926 7TCA084030R1825 1-3
19-26 6.5
59
45˚
13.5/16
45
F8+
25
TM03-GM2632 7TCA084030R1826 1-3
26-32 6.5
70
45˚
21
45
F8+
25
TM03-GM3240 7TCA084030R1827 1-3
32-40 6.5
74
45˚
29
45
F8+
25
TM03-GM4047 7TCA084030R1828 1-3
40-47 6.5
80
45˚
36
45
F8+
25
TM03-GM4757 7TCA084030R1829 1-3
47-57
6.5
80
45˚
36/42
45
F8+
25
EH38-RCC13
A
T
EH-RCC
RCC
B
19mm
C
6.5mm
EH38-RCC13
A
T
EH-RCC
RCC
B
19mm
C
6.5mm
ØA
C
D
ØB
TM03-GM1219
ØA
C
D
ØB
TM03-GM1219
ØA
C
D
ØB
TM03-GM1219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com