Electronic Components Datasheet Search
  English  ▼

X  

FC-7 Datasheet(PDF) 13 Page - ABB

Part # FC-7
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FC-7 Datasheet(HTML) 13 Page - ABB

Back Button FC-7 Datasheet HTML 9Page - ABB FC-7 Datasheet HTML 10Page - ABB FC-7 Datasheet HTML 11Page - ABB FC-7 Datasheet HTML 12Page - ABB FC-7 Datasheet HTML 13Page - ABB FC-7 Datasheet HTML 14Page - ABB FC-7 Datasheet HTML 15Page - ABB FC-7 Datasheet HTML 16Page - ABB FC-7 Datasheet HTML 17Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
3
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915 3/3
Rod
Type BH, PD & FM
Ø A
Ø
BH-6T
T
6 Nm
B
A
Ø
B
T
PD
M4
6.5mm
øA
Girder clamps for threaded rod
Part no. ABB order code
T (mm)
Ø (mm)
A (mm)
B (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
BH-6T
7TCA084220R0070 Max 18
M6
40
22
60
F1
25
BH-8T
7TCA084220R0072 Max 18
M8
40
22
60
F1
25
BH-10T
7TCA084220R0068 Max 18
M10
40
22
60
F1
25
Purlin clamp for threaded rod
Part no. ABB order code
T (mm)
Ø (mm)
A (mm)
B (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
PD
7TCA084220R0299
≤4
12
15
85
40
F2
50
Fastening clips for threaded rod
Part no.
ABB order code
ØA
Load
rating (kg)
Material
finishes
Quantity
(pieces)
FM-313T
7TCA084030R1270 M6/M8/M10
10
F8+
100
FM-320T
7TCA084030R1274
M6/M8/M10
10
F8+
100
Ø A
Ø
BH-6T
T
6 Nm
B
A
Ø
B
T
PD
A
Ø
B
T
PD
M4
6.5mm
øA
M4
6.5mm
øA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com