Electronic Components Datasheet Search
  English  ▼

X  

FC-7 Datasheet(PDF) 58 Page - ABB

Part # FC-7
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FC-7 Datasheet(HTML) 58 Page - ABB

Back Button FC-7 Datasheet HTML 54Page - ABB FC-7 Datasheet HTML 55Page - ABB FC-7 Datasheet HTML 56Page - ABB FC-7 Datasheet HTML 57Page - ABB FC-7 Datasheet HTML 58Page - ABB FC-7 Datasheet HTML 59Page - ABB FC-7 Datasheet HTML 60Page - ABB FC-7 Datasheet HTML 61Page - ABB FC-7 Datasheet HTML 62Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
9
9/4
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915
Suspension
LS, SP, SG & SS
Perforated banding
Load
Material
Quantity
Part no.
ABB order code
Colour
Ø (mm)
A (mm)
B (mm)
rating (kg) finishes
(pieces)
Plastic*
SP-13B
7TCA084220R0385 Black
4
13
10
37
F7
1
SP-19B
7TCA084220R0390 Black
6.5
19
10
42
F7
1
SP-27B
7TCA084220R0399 Black
7.5
27
10
90
F7
1
SP-13O
7TCA084220R0387 Orange
4
13
10
37
F7
1
SP-19O
7TCA084220R0393 Orange
6.5
19
10
42
F7
1
SP-13R-FU 7TCA084220R0384 Red
4
13
10
37
F7
1
SP-19R
7TCA084220R0395 Red
6.5
19
10
42
F7
1
SP-13W
7TCA084220R0388 White
4
13
10
37
F7
1
SP-19W
7TCA084220R0397 White
6.5
19
10
42
F7
1
Galvanised
SG-12-FU 7TCA084220R0377 –
5
12
10
37
F2
1
SG-18
7TCA084220R0374
–
7
18
10
42
F2
1
SG-26
7TCA084220R0375 –
8
26
10
90
F2
1
Stainless Steel
SS-12
7TCA084220R0415
–
5
12
10
43
F3
1
SS-18-FU 7TCA084220R0417
–
7
18
10
48
F3
1
SS-26
7TCA084220R0418
–
8
26
10
100
F3
1
*Material: Plascoat PPA 571
A
Ø
LS-32
SP-13B
A
Ø
B
Plastic
(Plastique,
Kunststo ,
Plastica)
Galvanised
(Galvanisé,
Verzinkt,
Galvanizzato)
Suspension strap
Part no.
ABB order code
A (mm)
Ø (mm)
Material
finishes
Quantity
(pieces)
LS-32
7TCA084220R0210 152
Max 32
F6
10
LS-38
7TCA084220R0211 178
Max 38
F6
10
LS-48
7TCA084220R0212 203
Max 48
F6
10
LS-54
7TCA084220R0213
228
Max 54
F6
10
LS-60
7TCA084220R0214
254
Max 60
F6
10
LS-72
7TCA084220R0215 305
Max 72
F6
10
A
Ø
LS-32
A
Ø
LS-32
SP-13B
A
Ø
B
Plastic
(Plastique,
Kunststoff,
Plastica)
Galvanised
(Galvanisé,
Verzinkt,
Galvanizzato)
SP-13B
A
Ø
B
Plastic
(Plastique,
Kunststoff,
Plastica)
Galvanised
(Galvanisé,
Verzinkt,
Galvanizzato)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80