Electronic Components Datasheet Search
  English  ▼

X  

FC-7 Datasheet(PDF) 72 Page - ABB

Part # FC-7
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FC-7 Datasheet(HTML) 72 Page - ABB

Back Button FC-7 Datasheet HTML 68Page - ABB FC-7 Datasheet HTML 69Page - ABB FC-7 Datasheet HTML 70Page - ABB FC-7 Datasheet HTML 71Page - ABB FC-7 Datasheet HTML 72Page - ABB FC-7 Datasheet HTML 73Page - ABB FC-7 Datasheet HTML 74Page - ABB FC-7 Datasheet HTML 75Page - ABB FC-7 Datasheet HTML 76Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
12
12/2
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915
Technical information
Quality assurance
E-Klips products are registered for BS EN ISO 9001
and have a comprehensive test and inspection
programme so that all comply with our specifications,
whether they are of our own manufacture or from a
quality approved source. Any further details required
on quality are available on request.
Protection against corrosion
The majority of E-Klips spring steel fasteners are zinc
coated. The clips have a zinc silver coloured sacrificial
coating which deposits two layers of zinc and an
application of a waterproof topcoat. This gives a high
level of protection against first white corrosion and
then red rust according to ASTM-B695-90 or equivalent.
The corrosion resistance is measured by a salt spray
test conforming to ASTM-B-117-90, DIN 50021 or
equivalent. E-Klips zinc coated products are salt spray
rated to a minimum of 600 hours and are coded F8+.
Key to finishes and applications:
F1 Electroplated zinc finish, generally 8-12 microns
thick with chromate coating, approximately
72 hours salt spray resistance ASTM-B117-90,
DIN 50021, suitable for indoor, non-corrosive
environments.
F2 Galvanised, generally hot dipped to a thickness of
50-70 microns, suitable for indoor and outdoor,
humid and mildly corrosive environments.
F3 Stainless steel, suitable for indoor and outdoor
and mildly corrosive environments.
F4 Painted finish to compliment indoor applications.
F5 Black phosphate finish in accordance with BS 3189
Class 1 suitable to achieve 72 hours salt spray
rating for indoor, non-corrosive environments.
F6 Self colour, unfinished and unprotected product
for indoor applications.
F7 Flexible plastic coating with good chemical and
corrosion resistance to protect the base material.
F8+ Zinc silver coloured sacrificial coating (Z600+),
enhanced by an application of waterproof topcoat
giving a corrosion resistance of more than 600
hours, for use in indoor and outdoor humid
and mildly corrosive environments. Coating is
completely chromium free.
Load rating
The load rating of E-Klips fasteners is expressed as
a maximum static load limit. This is the stationary
vertical load limit for a fixing product and incorporates
a significant safety factor. Where fasteners are
combined, the load rating is determined by the lowest
rated fastener. If the load rating of the steelwork
is less than that of the fastener, this becomes the
maximum static load rating for the system. For further
information please contact the sales office.
Materials
E-Klips products are manufactured using steel in
accordance to BS EN 1449 - part 1.15 grade CS70.
Furthermore products are annealed and oiled.
All components are hardened and aust tempered
using the shaker hearth furnace method to give a final
hardness reading of 400-450 HV-10 Vickers.
Warranty and limitations
ABB warrants to the buyer that the products sold in
this catalogue shall be free of defects in material and
workmanship at the time of shipment. Buyers’ sole and
exclusive remedy under this warranty is limited to repair
or replacement, at our option, of the product, or any part
or parts thereof, which have been returned to us, with
transportation charges prepaid to our factory, and which
we determine to have been defective at time of original
factory shipment. We disclaim any liability for incidental or
consequential damages which may be incurred either by the
buyer or user of E-Klips fasteners. ABB neither assumes or
authorises any person to assume for it any obligation in the
connection with the sale of the product in excess of the
above mentioned warranty and remedy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com