Electronic Components Datasheet Search
  English  ▼

X  

AD8192 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8192
Description  2:1 HDMI/DVI Switch with Equalization and DDC/CEC Buffers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8192 Datasheet(HTML) 4 Page - Analog Devices

  AD8192 Datasheet HTML 1Page - Analog Devices AD8192 Datasheet HTML 2Page - Analog Devices AD8192 Datasheet HTML 3Page - Analog Devices AD8192 Datasheet HTML 4Page - Analog Devices AD8192 Datasheet HTML 5Page - Analog Devices AD8192 Datasheet HTML 6Page - Analog Devices AD8192 Datasheet HTML 7Page - Analog Devices AD8192 Datasheet HTML 8Page - Analog Devices AD8192 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8192
Rev. 0 | Page 4 of 28
Parameter
Symbol
Conditions/Comments
Min
Typ
Max
Unit
Rise Time
10% to 90%, CLOAD = 1500 pF, RPULLUP = 27 kΩ; or CLOAD =
7200 pF, RPULLUP = 3 kΩ
50
100
μs
Fall Time
90% to 10%, CLOAD = 1500 pF, RPULLUP = 27 kΩ; or CLOAD =
7200 pF, RPULLUP = 3 kΩ
5
10
μs
Leakage
Off-leakage test conditions from HDMI Compliance Test
Specification Test ID: 8-14
1.8
μA
HOT PLUG DETECT
Output Low Voltage
VOL
RPULLUP = 800 Ω to +5 V
0.4
V
1 VREF refers to the voltage at the VREF_AB or VREF_COM pins. VREF should be at the same supply voltage as that to which the external pull-up resistors are connected.
Table 3. Power Supply and Control Logic Specifications
Parameter
Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
AVCC
Operating range (3.3 V ± 5%)
3.135
3.3
3.465
V
AMUXVCC
Operating range (5 V ± 10%)
4.5
5
5.5
V
VREF_AB
3
5
5.5
V
VREF_COM
3
5
5.5
V
QUIESCENT CURRENT
AVCC
Outputs disabled
40
45
mA
AVCC
Outputs enabled, no pre-emphasis
60
70
mA
AVCC
Outputs enabled, maximum pre-emphasis
100
120
mA
VTTI
Input termination on1
40
54
mA
VTTO
Outputs enabled, output termination on
40
50
mA
Output termination on, maximum pre-emphasis
80
100
mA
DVCC
10
15
mA
VREF_AB
1
10
μA
VREF_COM
1
10
μA
AMUXVCC
10
20
mA
POWER DISSIPATION
Outputs disabled
215
318
mW
Outputs enabled, no pre-emphasis
545
765
mW
Outputs enabled, maximum pre-emphasis
881
1200
mW
I2C® AND LOGIC INPUTS2
Input High Voltage, VIH
Serial interface
2.4
V
Input Low Voltage, VIL
Serial interface
0.8
V
I2C AND LOGIC OUTPUTS
Output Low Voltage, VOL
Serial interface, IOL = +3 mA
0.4
V
1 Assumes that the unselected HDMI/DVI link is deactivated through the hot plug detect line, as required by the DVI Standard Revision 1.0 and HDMI Standard Revision 1.3a.
2 The AD8192 is an I2C slave and its control interface is based on the 3.3 V I2C bus specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com