Electronic Components Datasheet Search
  English  ▼

X  

AD8192 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8192
Description  2:1 HDMI/DVI Switch with Equalization and DDC/CEC Buffers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8192 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8192 Datasheet HTML 15Page - Analog Devices AD8192 Datasheet HTML 16Page - Analog Devices AD8192 Datasheet HTML 17Page - Analog Devices AD8192 Datasheet HTML 18Page - Analog Devices AD8192 Datasheet HTML 19Page - Analog Devices AD8192 Datasheet HTML 20Page - Analog Devices AD8192 Datasheet HTML 21Page - Analog Devices AD8192 Datasheet HTML 22Page - Analog Devices AD8192 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8192
Rev. 0 | Page 19 of 28
TRANSMITTER SETTINGS REGISTER
TX_PE[x]: High Speed (TMDS) Output Pre-Emphasis Level
Select Bus (For All TMDS Channels)
Table 20. TX_PE[x] Description
TX_PE[x]
Description
00b
No pre-emphasis (0 dB)
01b
Low pre-emphasis (2 dB)
10b
Medium pre-emphasis (4 dB)
11b
High pre-emphasis (6 dB)
TX_PTO: High Speed (TMDS) Output Termination On/Off
Select Bit (For All Channels)
Table 21. TX_PTO Description
TX_PTO
Description
0b
Output termination off
1b
Output termination on
TX_OCL: High Speed (TMDS) Output Current Level Select
Bit (For All Channels)
Table 22. TX_OCL Description
TX_OCL
Description
0b
Output current set to 10 mA
1b
Output current set to 20 mA
SOURCE SIGN CONTROL REGISTER
A_SG[x]: High Speed (TMDS) Input A, Channel x Sign
Select Bits
Defines the input/input complement polarity of the Channel x.
Table 23. A_SG[x] Description
A_SG[x]
Description
0b
Channel sign is positive
1b
Channel sign is inverted
Table 24. A_SG[x] Mapping
A_SG[x]
OP[x]
ON[x]
0b
IP_A[x]
IN_A[x]
1b
IN_A[x]
IP_A[x]
B_SG[x]: High Speed (TMDS) Input B, Channel x Sign
Select Bits
These bits define the input/input complement polarity of the
Channel x.
Table 25. B_SG[x] Description
B_SG[x]
Description
0b
Channel sign is positive
1b
Channel sign is inverted
Table 26. B_SG[x] Mapping
B_SG[x]
OP[x]
ON[x]
0b
IP_B[x]
IN_B[x]
1b
IN_B[x]
IP_B[x]
SOURCE A INPUT/OUTPUT MAPPING REGISTER
A[x]_HS_MAP[1:0]: High Speed (TMDS) Input A, Output
Channel x, Select Bits
These bits define the input/output mapping of the high speed
channels when Source A is selected.
Table 27. A[x]_HS_MAP[1:0] Mapping
A[x]_HS_MAP[1:0]
O[x]
00b
A0
01b
A1
10b
A2
11b
A3
SOURCE B INPUT/OUTPUT MAPPING REGISTER
B[x]_HS_MAP[1:0]: High speed (TMDS) Input B, Output
Channel x, Select Bits
These bits define the input/output mapping of the high speed
channels when Source B is selected.
Table 28. B[x]_HS_MAP[1:0] Mapping
B[x]_HS_MAP[1:0]
O[x]
00b
B0
01b
B1
10b
B2
11b
B3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com