Electronic Components Datasheet Search
  English  ▼

X  

AD8192 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8192
Description  2:1 HDMI/DVI Switch with Equalization and DDC/CEC Buffers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8192 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8192 Datasheet HTML 9Page - Analog Devices AD8192 Datasheet HTML 10Page - Analog Devices AD8192 Datasheet HTML 11Page - Analog Devices AD8192 Datasheet HTML 12Page - Analog Devices AD8192 Datasheet HTML 13Page - Analog Devices AD8192 Datasheet HTML 14Page - Analog Devices AD8192 Datasheet HTML 15Page - Analog Devices AD8192 Datasheet HTML 16Page - Analog Devices AD8192 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8192
Rev. 0 | Page 13 of 28
to 10 mA by programming the TX_OCL bit of the transmitter
settings register. The high speed outputs must be disabled if
there are no output termination resistors present in the system.
The output equalizer (pre-emphasis) can be manually confi-
gured to provide one of four different levels of high frequency
boost. The specific boost level is selected by programming the
TX_PE bits of the transmitter settings register. No specific cable
length is suggested for a particular pre-emphasis setting because
cable performance varies widely among manufacturers.
SWITCHING MODE
The AD8192 is a 2:1 HDMI/DVI source switch. The user can
select which high speed TMDS input is routed to the output by
programming the HS_CH bit of the high speed modes register and
which low speed DDC input/output is routed to the DDC common
input/output by programming the AUX_CH bit of the auxiliary
device register.
PRE-EMPHASIS
The pre-emphasized TMDS outputs precompensate the trans-
mitted signal to account for losses in systems with long cable
runs. These long cable runs selectively attenuate the high frequency
energy of the signal, leading to degraded transition times and
eye closure. Similar to a receive equalizer, the goal of the pre-
emphasis filter is to boost the high frequency energy in the signal.
However, unlike the receive equalizer, the pre-emphasis filter is
applied before the channel, thus predistorting the transmitted
signal to account for the loss of the channel. The series connection
of the pre-emphasis filter and the channel results in a flatter
frequency response than that of the channel, thereby leading to
improved high frequency energy, improved transition times,
and improved eye opening on the far end of the channel. Using
a pre-emphasis filter for compensating channel losses allows for
longer cable runs with or without a receive equalizer on the far
end of the channel. When there is no receive equalizer on the
far end of the channel, the pre-emphasis filter should allow
longer cable runs than is acceptable with no pre-emphasis. In
the case of both a pre-emphasis filter on the near end and a
receive equalizer on the far end of the channel, the allowable
cable run should be longer than either compensation could
achieve alone. The pulse response of a pre-emphasized wave-
form is shown in Figure 27. The output voltage levels and
symbol descriptions are listed in Table 7 and Table 8, respectively.
VOCM
VH
VL
VOSE-BOOST
VTTO
VOSE-DC
<TBIT
VOCM
VTTO
VH
VL
VOSE-DC
PRE-EMPHASIS OFF
PRE-EMPHASIS ON
Figure 27. Pre-Emphasis Pulse Response
Table 7. Output Voltage Levels
DC-Coupled
PE Setting
OCL Setting
Boost (dB)
IT (mA)
VOSE-DC (mV p-p)
VOSE-BOOST (mV p-p)
VOCM (V)
VH (V)
VL (V)
0
0
0
10
250
250
3.175
3.3
3.050
1
0
2
12.5
250
312.5
3.144
3.3
2.988
2
0
4
15
250
375
3.133
3.3
2.925
3
0
6
20
250
500
3.050
3.3
2.8
0
1
0
20
500
500
3.050
3.3
2.8
1
1
2
25
500
625
2.988
3.3
2.675
2
1
4
30
500
750
2.925
3.3
2.550
3
1
6
40
500
1000
2.8
3.3
2.3
Table 8. Symbol Definitions
Symbol
Formula
Definition
VOSE-DC
Ω
25
0
×
=
PE
T
I
1
Single-ended output voltage swing after settling
VOSE-BOOST
IT × 25 Ω1
Boosted single-ended output voltage swing
VOCM (DC-Coupled)
Ω
25
2
×
− T
I
VTTO
1
Common-mode voltage when the output is dc-coupled
VOCM (AC-Coupled)
Ω
50
2
×
− T
I
VTTO
Common-mode voltage when the output is ac-coupled
VH
VOCM + VOSE-BOOST/2
High single-ended output voltage excursion
VL
VOCM − VOSE-BOOST/2
Low single-ended output voltage excursion
1 The 25 Ω resistance in the equation is the parallel combination of the on-chip 50 Ω termination resistor and the external 50 Ω termination resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com