Electronic Components Datasheet Search
  English  ▼

X  

EPP-GP-B Datasheet(PDF) 16 Page - ABB

Part # EPP-GP-B
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-GP-B Datasheet(HTML) 16 Page - ABB

Back Button EPP-GP-B Datasheet HTML 12Page - ABB EPP-GP-B Datasheet HTML 13Page - ABB EPP-GP-B Datasheet HTML 14Page - ABB EPP-GP-B Datasheet HTML 15Page - ABB EPP-GP-B Datasheet HTML 16Page - ABB EPP-GP-B Datasheet HTML 17Page - ABB EPP-GP-B Datasheet HTML 18Page - ABB EPP-GP-B Datasheet HTML 19Page - ABB EPP-GP-B Datasheet HTML 20Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
16
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
Requirements for a deliberate strategy to manage
and control energy consumption are having an
increasing impact on commercial buildings such
as shopping centers, offices, hotels and airports.
Electricity meters in commercial buildings are
usually acquired by the property owner and read
automatically via a facility or building
management system. Just like for private
property, modern sub-metering solutions can
increase energy efficiency in commercial
buildings and make considerable savings.
MID approval facilitates problem-free
cost distribution
Meters that are MID approved have the advantage
of a certified and verified metering accuracy. This
is important if discussions on the fairness of the
cost distribution arise.
EQ meters can easily help distribute consumption
costs between different tenants, e.g. stores and
boutiques in shopping malls, businesses in office
blocks, or different airlines and functions
(baggage handling, for example) at airports.
The fact that many commercial properties are not
designed from the beginning for sub-metering
presents no problem. EQ meters fit neatly
wherever they are needed.
Mandatory energy declarations
Commercial properties must have an energy dec-
laration that describes the building’s energy per-
formance. Its aim is to reduce the climate effect
and increase the efficient use of energy, i.e. bene-
fits for both society and the building owner.
Energy declarations require that the electrical
consumption for lighting, elevators, heating and
ventilation, etc., be accounted for separately.
Data collected from individually-located meters
(sub-metering) are extremely valuable in this
respect. As well as being a legal requirement, it
highlights ways to increase efficiency by locating
unnecessary energy consumption.
ISO 50001, L2 building regulations, BREEAM
and others
Whichever you aim for, analyzing energy
consumption is an important early step and in the
end also the best way to maintain an achieved
level. EQ meters will provide accurate information
regarding the electrical energy consumption.
Max demand also cuts energy consumption*
Measuring the highest average power during a
set time interval results in the max demand value.
Measuring max demand helps dimension a
building’s electrical installations to its use.
—
01 Modern
sub-metering increases
energy efficiency
and saves money
by fair and accurate
cost distribution.
—
Key modular components -
Energy metering
Advanced energy performance analysis
—
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com