Electronic Components Datasheet Search
  English  ▼

X  

EPP-GP-B Datasheet(PDF) 56 Page - ABB

Part # EPP-GP-B
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-GP-B Datasheet(HTML) 56 Page - ABB

Back Button EPP-GP-B Datasheet HTML 52Page - ABB EPP-GP-B Datasheet HTML 53Page - ABB EPP-GP-B Datasheet HTML 54Page - ABB EPP-GP-B Datasheet HTML 55Page - ABB EPP-GP-B Datasheet HTML 56Page - ABB EPP-GP-B Datasheet HTML 57Page - ABB EPP-GP-B Datasheet HTML 58Page - ABB EPP-GP-B Datasheet HTML 59Page - ABB EPP-GP-B Datasheet HTML 60Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
57
R C B O DSE 2 01 M - T EC H N I C A L FE AT U R E S
—
RCBO DSE201 M
Technical features
—
Technical features
Electrical features
Standards
IEC 61009-1; IEC 61009-2-2; AS/NZS 61009
Type (wave form of the earth leakage sensed)
AC, A
Number of poles
1P+N
Rated current I
n
A
6≤ In ≤ 50
Rated sensitivity I
Δn
mA
10, 30, 100, 300
Rated voltage U
e
V
230-240
Insulation voltage U
i
V
500 V AC
Overvoltage category
III
Pollution degree
2
Max. operating voltage
V
264
Min. operating voltage for protection against IΔn residual
sinusoidal alternating currents
V
85
Min. operating voltage of circuit test
V
195
Rated frequency
Hz
50/60
Rated breaking capacity acc. to IEC 61009
ultimate I
cn
A
10000
Rated breaking capacity acc. to IEC 60947-2
ultimate I
cn
kA
15 (for 6A≤ In ≤ 40A)
kA
10 (for In = 50A)
service I
cs
kA
7.5
Rated residual breaking capacity I
Δm
kA
10
Rated impulse withstand voltage (1.2/50) U
imp
kV
4 kV (test voltage 6.2kV at sea level, 5kV at 2000m)
Dielectric test voltage at ind. freq. for 1 min.
kV
2.5 kV (50 / 60Hz, 1 min.)
Thermomagnetic release - characteristic
B: 3 I
n ≤ Im ≤ 5 In
C: 5 I
n ≤ Im ≤ 10 In
Surge current resistance (wave 8/20)
A
250
Mechanical data
Housing
insulation group II, RAL 7035
Toggle
insulation group IIIA, black, sealable in ON-OFF
positions
Contact position indication
CPI on toggle (I ON / 0 OFF)
Electrical life
operations 10000
Mechanical life
operations 20000
Protection degree
housing
IP4X
terminals
IP2X
Shock resistance acc. to IEC/EN 60068-2-27
30g - 2 shocks - 13ms
Vibration resistance acc. to IEC/EN 60068-2-6
0.35mm or 5g - 20 cycles at 5…150…5 Hz
without load
Environmental conditions (damp heat)
acc. to IEC/EN 60068-2-30
°C/RH
28 cycles with 55°C/90-96% and 25°C/95-100%
Reference temperature for setting of thermal element
°C
30
Ambient temperature (with daily average ≤ +35 °C)
°C
-25…+55
Storage temperature
°C
-40…+70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com