Electronic Components Datasheet Search
  English  ▼

X  

EPP-GP-B Datasheet(PDF) 43 Page - ABB

Part # EPP-GP-B
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-GP-B Datasheet(HTML) 43 Page - ABB

Back Button EPP-GP-B Datasheet HTML 39Page - ABB EPP-GP-B Datasheet HTML 40Page - ABB EPP-GP-B Datasheet HTML 41Page - ABB EPP-GP-B Datasheet HTML 42Page - ABB EPP-GP-B Datasheet HTML 43Page - ABB EPP-GP-B Datasheet HTML 44Page - ABB EPP-GP-B Datasheet HTML 45Page - ABB EPP-GP-B Datasheet HTML 46Page - ABB EPP-GP-B Datasheet HTML 47Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
44
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
Colour
Modules
Order codes
M1363
Grey
3
M1363
Grey with light
3
M1363-L
—
British standard modular sockets
—
Modular sockets
Order Codes
Number
of poles
Rated
current
In
Modules
Order codes
E92
1
32
1
E 91/32
1
32
1
E 91/32s
3
32
3
E 93/32
E94
3
32
3
E 93/32s
—
E 90 fuse switch disconnectors
Order Codes
E 90 series fuse switch disconnectors are
designed for switching circuits under load,
providing protection against short circuits and
overloads. The case is made of self-extinguishing
thermoplastic material resistant to high
temperatures (all materials are UL listed) while
the contact clips are in silver plated copper.
E 90 fuse switch disconnectors can be sealed or
padlocked to ensure operator safety during
maintenance. Versions with blown fuse indicator
allow to check whether the fuse is still working
correctly or not. For easy and quick installation E
90 range is totally compatible with connecting
bars, terminals and caps of S 200 MCBs.
Thanks to cURus approval, they can be installed in
UL certified machines.
—
E 90 fuse switch disconnectors for 10.3 x 38 mm fuses (AC-22B)
E94
Fuses not included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com