Electronic Components Datasheet Search
  English  ▼

X  

EPP-GP-B Datasheet(PDF) 71 Page - ABB

Part # EPP-GP-B
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-GP-B Datasheet(HTML) 71 Page - ABB

Back Button EPP-GP-B Datasheet HTML 67Page - ABB EPP-GP-B Datasheet HTML 68Page - ABB EPP-GP-B Datasheet HTML 69Page - ABB EPP-GP-B Datasheet HTML 70Page - ABB EPP-GP-B Datasheet HTML 71Page - ABB EPP-GP-B Datasheet HTML 72Page - ABB EPP-GP-B Datasheet HTML 73Page - ABB EPP-GP-B Datasheet HTML 74Page - ABB EPP-GP-B Datasheet HTML 75Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
72
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
Example of installation
As shown in the diagrams, one of the possible
applications is the installation of a T1 twilight
switch in the lighting system of a commercial
establishment.
When the external light falls below a certain level
(e.g. when the shop is closed), the twilight switch
switches on the window lights and the sign. The
lights can be switched off late evening to reduce
power consumption thanks to the AT1 switch
timer which keeps the circuit open until the next
morning. When the external light returns to above
the threshold value, the twilight switch relay
returns to the open position.
—
T1 & T1 PLUS twilight switch
Control and automation
technical features
Operating principle
The diagram shows an example of the installation
of the T1 twilight switch in the lighting system of
a commercial establishment. When the external
light falls below a certain level (e.g. during the
evening when the shop is closed), the device
switches on the window lights and the shop sign.
The lights can be switched off late evening to
reduce power consumption thanks to the AT1
switch timer.
Application environments
The installation of the T1 twilight switch with an
AT electromechanical timer is particularly useful
in settings and situations where energy saving is
a prime concern (shops, office corridors and
public passageways, car parks,
parks, etc.).
—
01 Daytime
—
02 Evening operation
—
03 Late evening mode
—
T1 twilight switch
—
01
—
02
—
03
N
L
N
T1
T11
1
3
AUXILIARY
L1
AT1
4
3
LIGHTING
AUXILIARY
L1
N
T1
sensor
AT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com