Electronic Components Datasheet Search
  English  ▼

X  

TLC271 Datasheet(PDF) 40 Page - Diodes Incorporated

Part # TLC271
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271 Datasheet(HTML) 40 Page - Diodes Incorporated

Back Button TLC271 Datasheet HTML 36Page - Diodes Incorporated TLC271 Datasheet HTML 37Page - Diodes Incorporated TLC271 Datasheet HTML 38Page - Diodes Incorporated TLC271 Datasheet HTML 39Page - Diodes Incorporated TLC271 Datasheet HTML 40Page - Diodes Incorporated TLC271 Datasheet HTML 41Page - Diodes Incorporated TLC271 Datasheet HTML 42Page - Diodes Incorporated TLC271 Datasheet HTML 43Page - Diodes Incorporated TLC271 Datasheet HTML 44Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 2 - 2
40 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Application Information
Bias select feature
The TLC271 offers a bias-select feature that allows the user to select any one of three bias levels depending on the level of performance
desired. The trade-off between bias levels relates to ac performance and power dissipation as below.
Typical values TA = +25°C, VDD = 5V
Mode
Units
High bias
RL =10kΩ
Medium bias
RL =100kΩ
Low bias
RL =1MΩ
PD
Power Dissipation
3.4
0.5
0.05
mW
SR
Slew Rate
3.6
0.4
0.03
V/µs
Vn
Equivalent Input Noise Voltage at f=1kHz
20
25
28
nV√Hz
B1
Unity Gain Bandwidth
1.7
0.5
0.09
MHz
ɸm
Phase Margin
46°
40°
34°
AVD
Large Signal Differential Voltage Amplification
23
170
480
V/mV
Bias selection
Bias selection is achieved by connecting the bias select pin to one of three voltage levels (see below). For medium-bias applications, it is
recommended that the bias select pin be connected to the midpoint between the supply rails. This procedure is simple in split-supply
applications, since this point is ground.
In single-supply applications, the medium-bias mode necessitates using a voltage divider as indicated below. The use of large-value
resistors in the voltage divider reduces the current drain of the divider from the supply line. However, large-value resistors used in
conjunction with a large-value capacitor require significant time to charge the supply to the midpoint after the supply is switched on. A
voltage other than the midpoint can be used if it is within the voltages specified table.
To the Bias
Select Pin
Low
Medium
High
1 M
Ω
0.01 µF
VDD
1 M
Ω
Bias Mode
Bias Select Voltage
(Single Supply)
Low
VDD
Medium
1 V to VDD -1 V
High
GND
Figure 91
High-Bias Mode
In high-bias mode, the TLC271 series features low offset voltage drift, high input impedance and low noise. Speed in this mode approaches
that of BiFET devices but at only a fraction of the power dissipation. Unity-gain bandwidth is typically greater than 1 MHz.
Medium-Bias Mode
The TLC271 in medium-bias mode features low offset voltage drift, high input impedance and low noise. Speed in this mode is similar to
general-purpose bipolar devices, but power dissipation is only a fraction of that consumed by bipolar devices.
Low-Bias Mode
In low-bias mode, the TLC271 features low offset voltage drift, high input impedance, extremely low power consumption and high differential
voltage gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com