Electronic Components Datasheet Search
  English  ▼

X  

TLC271 Datasheet(PDF) 47 Page - Diodes Incorporated

Part # TLC271
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271 Datasheet(HTML) 47 Page - Diodes Incorporated

Back Button TLC271 Datasheet HTML 43Page - Diodes Incorporated TLC271 Datasheet HTML 44Page - Diodes Incorporated TLC271 Datasheet HTML 45Page - Diodes Incorporated TLC271 Datasheet HTML 46Page - Diodes Incorporated TLC271 Datasheet HTML 47Page - Diodes Incorporated TLC271 Datasheet HTML 48Page - Diodes Incorporated TLC271 Datasheet HTML 49Page - Diodes Incorporated TLC271 Datasheet HTML 50Page - Diodes Incorporated TLC271 Datasheet HTML 51Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 1 - 0
47 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Typical Application Circuits (cont.)
VO
+
-
5V
Bias
Select
TLC271
2.5V
10 k
Ω
1 M
Ω
1 µF
100 k
Ω
100 k
Ω
1 k
Ω
0.1 µF
+
-
0.1 µF
+
-
+
-
100 k
Ω
Low to medium
impedance
dynamic mike
Gain Control
Figure 106 Microphone Preamplifier
VO
+
-
Bias
Select
TLC271
+
-
Bias
Select
TLC271
VDD
VDD
15 nF
VDD/2
Vref
VDD/2
10 M
Ω
100 k
Ω
100 pF
VDD =4 V to 15 V
Vref =0 V to VDD-2V
Conditions:
Figure 107 Photo-Diode Amplifier With Ambient Light Rejection
+
-
5 V
Bias
Select
TLC271
= 0 V to 3 V
VI
2.5 V
IS
R
VI
Conditions:
IS
=
VI
R
2N3821
Figure 108 Precision Low-Current Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com