Electronic Components Datasheet Search
  English  ▼

X  

TLC271 Datasheet(PDF) 42 Page - Diodes Incorporated

Part # TLC271
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271 Datasheet(HTML) 42 Page - Diodes Incorporated

Back Button TLC271 Datasheet HTML 38Page - Diodes Incorporated TLC271 Datasheet HTML 39Page - Diodes Incorporated TLC271 Datasheet HTML 40Page - Diodes Incorporated TLC271 Datasheet HTML 41Page - Diodes Incorporated TLC271 Datasheet HTML 42Page - Diodes Incorporated TLC271 Datasheet HTML 43Page - Diodes Incorporated TLC271 Datasheet HTML 44Page - Diodes Incorporated TLC271 Datasheet HTML 45Page - Diodes Incorporated TLC271 Datasheet HTML 46Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 1 - 0
42 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Application Notes
Offset Voltage Nulling Circuit
The TLC271 offers external input offset null control. Nulling of the input off set voltage may be achieved by adjusting a 100-
kΩ potentiometer
connected between the offset null terminals with the wiper connected as shown in Figure 95. The amount of nulling range varies with the bias
selection. In the high-bias mode, the nulling range allows the maximum offset voltage specified to be trimmed to zero. In low-bias and medium-
bias modes, total nulling may not be possible.
(a) Single Supply
(b) Split Supply
+
-
TLC271
N2
N1
IN-
IN+
VDD
VDD
VDD /2
+
-
TLC271
N2
N1
IN-
IN+
VDD-
VDD+
Figure 95 Offset Nulling Circuits
Input Bias Current
– Error Protection
The TLC271 has an extremely high input impedance. To use the inputs as a high impedance node, for example, greater than 100K, or to
accurately measure bias current, it will be necessary to place a guard ring around the input pins and drive this ring to a potential equivalent to
the common mode input voltage. In many cases this common mode potential may exist as a part of the feedback circuit and can be obtained
from one of the appropriate nodes. In the case for the SO8 package, pin 4 is connected to ground or Vdd-. Input pins 2 and 3 are normally
well above the voltage on pin 4 so a large potential voltage on the order of several volts is likely between pins 3 and 4. To prevent interference
with a 1 pA bias current the board resistance would need to be in the order of gigaohms to have a minimum impact. The goal is to have the
common mode potential on the guard ring, therefore reducing the stray voltage near the input pins to millivolts in normal applications. Any
solder flux residue, excess moisture, humidity or board contamination will be detrimental to using the device in a high impedance input mode.
VIC
V=
1
4
8
5
Figure 96 Bias Current Guarding for High Input Impedance Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com