Electronic Components Datasheet Search
  English  ▼

X  

TLC271 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # TLC271
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button TLC271 Datasheet HTML 12Page - Diodes Incorporated TLC271 Datasheet HTML 13Page - Diodes Incorporated TLC271 Datasheet HTML 14Page - Diodes Incorporated TLC271 Datasheet HTML 15Page - Diodes Incorporated TLC271 Datasheet HTML 16Page - Diodes Incorporated TLC271 Datasheet HTML 17Page - Diodes Incorporated TLC271 Datasheet HTML 18Page - Diodes Incorporated TLC271 Datasheet HTML 19Page - Diodes Incorporated TLC271 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 2 - 2
16 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Typical Performance Characteristics
Table Index of Graphs
Figure
High Bias Mode
Medium Bias
Mode
Low Bias Mode
VI°
Input Offset Voltage
Distribution
1,2
31,32
61,62
V°H
High Level Output Voltage
vs. High Level Output Current
3,4
33,34
63,64
vs. Supply Voltage
5
35
65
vs. Free Air Temperature
6
36
66
V°L
Low Level Output Voltage
vs. Common Mode Input Voltage
7,8
37,38
67,68
vs. Differential Input Voltage
9
39
69
vs. Free Air Temperature
10
40
70
vs. Low Level Output Current
11,12
41,42
71,72
AVD
Large Signal Differential
Voltage Gain
vs. Supply Voltage
13
43
73
vs. Free Air Temperature
14
44
74
IIB
Input Bias Current
vs. Free Air Temperature
15
45
75
II°
Input Offset Current
vs. Free Air Temperature
15
45
75
VIC
Common Mode Input
Voltage
vs. Supply Voltage
16
46
76
IDD
Supply Current
vs. Supply Voltage
17
47
77
vs. Free Air Temperature
18
48
78
SR
Slew Rate
vs. Supply Voltage
19
49
79
vs. Free Air Temperature
20
50
80
Isel
Bias Select Current
vs. Supply Voltage
21
51
81
V°(°PP)
Maximum Peak to Peak
Output Voltage
vs. Frequency
22
52
82
B1
Unity Gain Bandwidth
vs. Free Air Temperature
23
53
83
vs. Supply Voltage
24
54
84
AVD
Large Signal Differential
Voltage Gain
vs. Frequency
29,30
59,60
89,90
ɸm
Phase Margin
vs. Supply Voltage
25
55
85
vs. Free Air Temperature
26
56
86
vs. Capacitive Load
27
57
87
Vn
Equivalent Input Noise
Voltage
vs. Frequency
28
58
88
ɸshift
Phase Shift
vs. Frequency
29,30
59,60
89,90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com