Electronic Components Datasheet Search
  English  ▼

X  

ETA3006 Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3006
Description  Inductive Cell Balancer IC with Balancing Current Up to 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3006 Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA3006 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ETA3006
www.eta-semi.com
2
Empower, Transcend, Achieve!
ETA3006 Rev 1.0
ORDERING INFORMATION
PART No.
PACKAGE
TOP
MARK
Pcs/Reel
ETA3006S8A
SOP8
ETA3006
YWWXL
4000
PIN CONFIGURATION
1
2
3
8
7
6
BATN
BST
ISET
SW
TEST
BATP
4
BATPS
5
BATC
ETA3006
SOP8
Top View
ABSOLUTE MAXIMUM RATINGS
(Note: Exceeding these limits may damage the device. Exposure to
absolute maximum rating conditions for long periods may affect
device reliability.)
SW, ISET Voltage to BATN………….…...-0.3V to 20V
BST to SW Voltage…………………...……-0.3V to 6V
BATC to BATN Voltage.....……………… -0.3V to 20V
BATP to BATN Voltage……………....…...-0.3V to 20V
SW, BATC, BATP to BATN current….Internally limited
Operating Temperature Range…..…... -40°C to 85°C
Storage Temperature Range…......….-55°C to 150°C
Thermal Resistance
θJC
θJA
SOP8……..…………….…....45……...90…...…. °C/W
Lead Temperature (Soldering,10sec)……….…260°C
ESD CDM (Charged Device Mode)………...…….1KV
ELECTRICAL CHARACTERISTICS
(TA=25 OC, L = 1µH, CBATP-BATN=10µF, CBATP-BATC=22µF, CBATC-BATN=22µF, if not specified)
PARAMETER
TEST CONDITIONS
MIN TYP MAX UNIT
SUPPLY
ISUPPLY
Quiescent current
VBATP=8V,
VBATP-VBATC=VBATC-VBATN
2
µA
Operating supply current
VBATP=8V, in balancing
mode, No Switching
900
µA
VBATP
VBATP operating voltage
VBATP-VBATC
2.8
5
V
VBATC
VBATC operating voltage
VBATC-VBATN
2.8
5
V
UVLO
Under lock-out voltage threshold
VBATP Rising
3.75
V
UVLO_HYS
UVLD hysteresis
200
mV
DETECTION
TSLEEP
Detection interval timer
Part sleeps during
TSLEEP
2
S
TALLOW
Unbalance detection
acknowledgment timer
Unbalance status is
accepted after TALLOW
when enter CHECK
state.
3.85
mS
TCHECK
Maximum unbalance checking timer IC get back to
7.68
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com