Electronic Components Datasheet Search
  English  ▼

X  

ETA3006 Datasheet(PDF) 4 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3006
Description  Inductive Cell Balancer IC with Balancing Current Up to 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3006 Datasheet(HTML) 4 Page - ETA SOLUTIONS CO. LIMITED

  ETA3006 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA3006 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ETA3006
www.eta-semi.com
4
Empower, Transcend, Achieve!
ETA3006 Rev 1.0
PIN DESCRIPTION
PIN#
NAME
DESCRIPTION
1
BATN
Negative terminal sense voltage input and common
Ground pin.
2
BST
Bootstrap pin. Connect a 100nF capacitor from BST to SW.
3
ISET
Balancing current setting pin. Connect a resistor from SW to an inductor to
program
the
balancing
current.
Under
an
extremely
high
noise
environment, a 1nF capacitor between ISET pin and SW pin can improve
the ISET voltage stability, so a capacitor position reservation here is
recommended.
4
BATPS
Sense voltage input for top cell. Connect a 10µF capacitor between BATPS
and BATN.
5
BATC
Sense voltage input for bottom cell. Connect a 22µF capacitor between
BATC and BATN.
6
BATP
Power input from top cell. Connect a 22µF capacitor between BATP and
BATC.
7
TEST
Factory Use Only. Float this Pin.
8
SW
Switching node. Connected to an inductor.
FUNCTIONAL BLOCK DIAGRAM
ETA3006
Bandgap
& VDD
& BIAS
& OVP
& TSD
1uA
UVLO
Timer
Control
Balance
Current
Sense
Battery
Sense
VDD
ISET
BATPS
Balance
Control
BATC
BST
SW
BATN
BATP
Figure 2: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com