Electronic Components Datasheet Search
  English  ▼

X  

FMMAGGAUGE Datasheet(PDF) 11 Page - TOKYO KEISO CO.,LTD.

Part # FMMAGGAUGE
Description  FM MAG
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FMMAGGAUGE Datasheet(HTML) 11 Page - TOKYO KEISO CO.,LTD.

Back Button FMMAGGAUGE Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 13Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 14Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 15Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
FM MAG GAUGE
TG-L2262-E05
TOKYO KEISO CO., LTD.
11
INDICATOR INSTALLATION ANGLE
FM-1810, 1820, 1830, 18Z0
Metallic type for high pressure and high temperature
MODEL CODE
AVAILABLE RANGES OF PRODUCTS
Range
: Min. 0~250mm
Max. 0~4380mm
Max. Press. : See the table below.
Temp. range : –96°C
≦ t ≦ +150°C (sealed indicator)
–0°C
≦ t ≦ +400°C
(For 350°C >t, the indicator will use window
glass.)
(Please note that alarm switches and analog
output, 4 to 20 mA, transmitters have their own
temperature limits.)
DIMENSIONS
Heating / terminal insulation are to
be conducted onto chamber portion
only.
1. Standard
2
3
20K, 30K, #300 Class : 22.4
40K, #600 Class : 31.8
63K, #900, 1500 Class : 44.5
FM-18
–
Description
Chamber
material
1
SUS304
2
SUS316
3
SUS316L
Z
Special
Density range
(g/cm3)
Float materia
A
0.57
≦
ρ < 0.60
Ti-6Al-4V
(titanium alloy)
★
For low-
viscosity (water-
equivalent)
liquids
B
0.60
≦
ρ < 0.64
C
0.64
≦
ρ < 0.70
D
0.70
≦
ρ < 0.81
E
0.81
≦
ρ < 1.04
F
1.04
≦
ρ < 1.50
1
0.64
≦
ρ < 0.68
Ti-6Al-4V
(titanium alloy)
■
For high-
viscosity (oil-
equivalent)
liquids
2
0.68
≦
ρ < 0.73
3
0.73
≦
ρ < 0.81
4
0.81
≦
ρ < 0.94
5
0.94
≦
ρ < 1.22
6
1.22
≦
ρ < 1.60
Z
Special
Ti-6Al-4V
Connection ange rating
1 1" JPI 900#RF
2 1" ANSI 900#RF
3 1" JPI 900#RTJ
4 1" ANSI 900#RTJ
5 1" JPI 1500#RF
6 1" ANSI 1500#RF
7 1" JPI 1500#RTJ
8 1" ANSI 1500#RTJ
9 Special
Titanium alloys are susceptible to hydrogen embrittlement in a
hydrogen atmosphere.
FLOAT AVAILABILITY AND SIZES
No.
Density
ρ (g/cm3)
Design
Float
C
E
L
A 0.57
≦
ρ < 0.60 705 200 756
B 0.60
≦
ρ < 0.64 605 200 655
C 0.64
≦
ρ < 0.70 510 200 554
D 0.70
≦
ρ < 0.81 410 200 453
E 0.81
≦
ρ < 1.04 310 200 352
F 1.04
≦
ρ < 1.50 210 200 250
1 0.64
≦
ρ < 0.68 710 200 760
2 0.68
≦
ρ < 0.73 610 200 659
3 0.73
≦
ρ < 0.81 510 200 558
4 0.81
≦
ρ < 0.94 410 200 457
5 0.94
≦
ρ < 1.22 310 200 356
6 1.22
≦
ρ < 1.60 210 200 254
Z
Special
–
–
–
φ49
φ41
φ49
φ45
Float
For
low-viscosity
liquids
Float
For
high-viscosity
liquids
Allowable measurement temperature and pressure
Float No. A to E, 1 to 6
Can withstand full vacuum.
T (°C) –196 –175 –150 –125 –100 –75 –50 –25
0
25
50
75
P (MPa) 13.2 13.2 13.2 13.2 13.2 13.2 13.2 13.2 13.2 13.2 12.8 11.9
T (°C)
100 125 150 175 200 225 250 275 300 325 350 375 400
P (MPa) 11.1 10.7 10.1 9.7
9.4
9.1
8.8
8.6
8.4
8.2
8.1
8.0
7.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com