Electronic Components Datasheet Search
  English  ▼

X  

FMMAGGAUGE Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

Part # FMMAGGAUGE
Description  FM MAG
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FMMAGGAUGE Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  FMMAGGAUGE Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FM MAG GAUGE
TG-L2262-E05
TOKYO KEISO CO., LTD.
5
FM-121Z0,122Z0,123Z0,12ZZ0
Double tube type for liquefied gas
60.5
76.3
(Outside pipe)
(Inside pipe)
2X 5 hole
Lower part of
chamber
2X 2 hole
Upper part of
chamber
R1/2
R1/2
76.3
F
F
68
130
INDICATOR INSTALLATION ANGLE
MODEL CODE
Material
TP340
Titanium
No.
A
0
1
2
3
0.39 ~ 0.45
0.44 ~ 0.52
0.5 ~ 0.6
0.55 ~ 0.7
0.62 ~ 0.8
Design
C
780
580
450
380
320
E
200
200
200
200
200
L
790
610
470
400
330
Float
48.5
Ar Gas Sealed
0.91(MPa)
Densitiy
(g/cm3)
Max. operating press. is 1.96MPa.
Consult factory for details when max. press. exceeds this value.
The direction to install indicator can not be changed at site.
TP340
Titanium
1Z
2Z
3Z
ZZ
Chamber
material
A
0
1
2
3
Z
SUS304
SUS316
SUS316L
Other
0.39~0.45
0.44~0.52
0.5~0.6
0.55~0.7
0.62~0.8
Special
25A JIS 10KFF
25A JIS 10KRF
1" JPI 150#RF
1" ANSI 150#RF
25A JIS 20KRF
1" JPI 300#RF
1" ANSI 300#RF
25A JIS 5KFF
Other 1" (25A) anges
Special
0
1
2
3
4
5
6
7
8
9
FM-12
Densitiy range (g/cm3)
Float material
Connection ange rating
Description
FM-12 0 are metal tube level gauge for liquefied gas with SUS304,
SUS316, or SUS316L material.
A double tube type has the effectiveness that inhibits the sudden rise
and dive of a float by boiling and bumping of liquefied gas.
AVAILABLE RANGES OF PRODUCTS
Range
: Min. 0~250mm
Max. 0~4380mm
Max. Press. : F.V. ~2.5MPa
Temp. range : -10
℃≦t≦120℃
-60
℃≦t<10℃ (sealed indicator)
DIMENSIONS
1Z
2Z
3Z
1. Standard
FLOAT AVAILABILITY AND SIZES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com