Electronic Components Datasheet Search
  English  ▼

X  

FMMAGGAUGE Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # FMMAGGAUGE
Description  FM MAG
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FMMAGGAUGE Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  FMMAGGAUGE Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FM MAG GAUGE
TG-L2262-E05
TOKYO KEISO CO., LTD.
3
MODEL SELECTION GUIDANCE
Different types and materials are available for FM Mag Gauge. Refer to the following table for selection.
●
For normal temperature
(Up to 120°C. Note that certain resins have a narrower temperature range.)
Model
Chamber material
Float material
Temperature
range (°C)
Max. operating
pressure
Available length (mm)
MPa
Min.
Max.
FM-
121
□
SUS304
✽
3
-10
≦ t ≦ 120
SUS: 3
TP340: 2.5
0 to 250
0 to 4380
122
□
SUS316
SUS316, SUS316L or
titanium (TP340)
123
□
SUS316L
12Z
□
Special metal
Consultation required
FM-
124
□
PVC (HPVC)
PVC (HPVC)
0
≦ t ≦ 60 (80)
0.2
0 to 250
0 to 2000
125
□
Stainless steel + PVC lining
0 to 4000
FM-
126
□
Stainless steel + ETFE lining
NBR foam + PFA lining
0
≦ t ≦ 100
0.2
0 to 250
✽
2
127
□
Stainless steel + PFA lining
0 to 3500
FM-
128
□
Stainless steel + PTFE lining
FM-
141
□
SUS304
✽
3
✽
1
0 to 250
0 to 4380
142
□
SUS316
titanium alloy
-10
≦ t ≦ 120
13
143
□
SUS316L
14Z
□
Special metal
●
For high temperature
Model
Chamber material
Float material
Temperature
range (°C)
Max. operating
pressure
Available length (mm)
MPa
Min.
Max.
FM-
161
□
SUS304
✽
3
✽
1✽4
0 to 250
0 to 4380
162
□
SUS316
SUS316, SUS316L or
titanium (TP340)
–196
≦
t ≦ +150
–10
≦
t ≦ +400
The maximum
operating
temperature for
TP340 is 250ºC.
SUS: 2
TP340: 1.6
163
□
SUS316L
16Z
□
Special metal
Consultation required
FM-
181
□
SUS304
✽
3
✽
1✽4
0 to 250
0 to 4380
182
□
SUS316
Titanium alloy
–196
≦
t ≦ +150
–10
≦
t ≦ +400
13
183
□
SUS316L
189
□
Special metal
✽
1 : For -196
℃ ≦ t < -10℃, a sealed indicator is used for manufacturing.
✽
2 : ETFE lining is available up to 2400 mm, and PTFE lining for full vacuum is available up to 2500 mm.
✽
3 : Titanium (TP340) and titanium alloys are susceptible to hydrogen embrittlement in a hydrogen atmosphere.
✽
4 : For 350
℃ < t, the indicator will use window glass.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com