Electronic Components Datasheet Search
  English  ▼

X  

FMMAGGAUGE Datasheet(PDF) 13 Page - TOKYO KEISO CO.,LTD.

Part # FMMAGGAUGE
Description  FM MAG
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FMMAGGAUGE Datasheet(HTML) 13 Page - TOKYO KEISO CO.,LTD.

Back Button FMMAGGAUGE Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 13Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 14Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 15Page - TOKYO KEISO CO.,LTD. FMMAGGAUGE Datasheet HTML 16Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
FM MAG GAUGE
TG-L2262-E05
TOKYO KEISO CO., LTD.
13
SPECIFICATION
●
Watertight version (FM-■■■
■■■ -■
■ W■■
■■ )
Type of contact
: 1 X SPST(Self-holding contact)
Contact capacity : 10W, AC/DC
Max. voltage ; AC,DC 100V
Fluid temp.
: –10~200oC
Ambient temp.
: –10~60oC
Enclosure
: Watertight
No. of contact
: Depending on the length
of chamber
(No limitation)
Repeatability
: ±15mm
(Equivalent to indicator accuracy)
Reset span
: Max. 30mm (Fixed)
Alarm action
: High or Low
(To be specified. Also
at field adjustable)
Setting range
: 50mm (70 mm between H-L)
Min. gap between points :
50mm
(Shorter gap on request)
Accessory
: Surge suppressor intergrated
(It is not attached to IS version)
Terminal box
: The cable from a reed switch is
drawn and it is used for terminal
connection.
Installed terminal : 8P, M3.5 screws
Cable entries
: For alarm switches
4 entries with packing type cable gland,
Max. cable dia. 7 mm
For alarm outlet
1 X G3/4 (Female)
Construction
: Splash-proof construction
Protection rating
: IP66&IP67
MODEL CODE OF ALARM CONTACTS
FM-■■■
■■■-■■
■■
5
■
■
6
■
■
7
/ ■■■■
■■■■
Alarm contact (s) can be provided to all FM Mag Gauges.
A reed switch is located at side portion of chamber which is actu-
ated by the magnet in float. Watertight, Intrinsically safe as well as
Flameproof versions are available.
ADD-ON ALARM CONTACTS
Watertight (Non-explosion proof)
EX-d, Flameproof
EX-i, Intrinsically safe
No. of contact
No. of terminal box
Enclosure
Contact
Terminal box
FM-1
●
Intrinsically safe version (FM - ■■■
■■■
-■
■
S ■■
■■
)
A safety relay is inserted into the contact loop of watertight version
to achieve Insrinsically safe loop.
IS classification : Ex ia llC T6
(Subject to using of specified safety relay)
Dimension of Safety Relay EB3C-R01A (1 point use)
Note 1: When installing the insulating material,
do not install it around the alarm sensor.
[Materials and exterior]
No.
Part
Material
Exterior
① Switch body
A6063P
Anodized aluminum
② Cable
PVC
---
③ Terminal box (case)
AC2A
Painted silver (polyurethane resin)
④ Terminal box (cover)
SUS304
Unpainted
⑤ Bracket
SUS304
Unpainted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com