Electronic Components Datasheet Search
  English  ▼

X  

SD6830 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SD6830
Description  CURRENT MODE PWMPFM CONTROLLER WITH BUILT-IN HIGH VOLTAGE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD6830 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SD6830 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Silan
Microelectronics
SD6834_Datasheet
CURRENT MODE PWM+PFM CONTROLLER WITH BUILT-IN HIGH VOLTAGE
MOSFET
DESCRIPTION
SD6834 is current mode PWM+PFM controller with built-in high-voltage
MOSFET used for SMPS.
It features low standby power and low start current. In standby mode, the
circuit enters burst mode to reduce the standby power dissipation.
The switch frequency is 25~67KHz decided by the load with jitter
frequency for low EMI.
Built-in peak current compensation circuit makes the limit peak current
stable even with different input AC voltage. Maximum peak current
compensation during power-on reduces pressure on transformer to avoid
saturation, the peak current compensation will decrease for balance after
power-on. Limit output current can be adjusted through the resistor
connected to CS.
It integrates various protections such as undervoltage lockout, overvoltage
protection, overload protection, leading edge blanking, primary winding
overcurrent protection and thermal shutdown. The circuit will restart until
normal if protection occurs.
FEATURES
Energy Star 2.0 standard
Lower start-up current (3
µA)
Various switching frequency following load for the high efficiency
EMI Frequency jitter for low EMI
Overvoltage, primary winding overcurrent, overload and over
temperature protections
External peak current sense resistor
Undervoltage lockout
Built-in high voltage MOSFET
Auto restart mode
Peak
current
compensation
Maximum
peak
current
compensation for initialization to realize the soft start function.
Burst mode
Cycle by cycle current limit
APPLICATIONS
SMPS
ORDERING INFORMATION
Part No.
Package
Marking
Hazardous
Substance Control
Packaging
SD6834
DIP-8-300-2.54
SD6834
Halogen free
Tube
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.5
http: //www.silan.com.cn
Page 1 of 10


Similar Part No. - SD6830

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
4BIT MICROCONTROLLER
SD6830P AUK-SD6830P Datasheet
122Kb / 34P
4BIT MICROCONTROLLER
More results

Similar Description - SD6830

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
High-Voltage,Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
logo
Silan Microelectronics ...
SD686X SILAN-SD686X Datasheet
250Kb / 10P
CURRENT MODE PWMPFM CONTROLLER WITH BUILTIN MOSFET
SD6835 SILAN-SD6835 Datasheet
279Kb / 9P
CURRENT MODE PWMPFM CONTROLLER WITH BUILT-IN HIGH VOLTAGE MOSFET
SD4840 SILAN-SD4840 Datasheet
759Kb / 11P
CURRENT MODE PWM CONTROLLER WITH BUILT-IN HIGH VOLTAGE MOSFET
SD6834 SILAN-SD6834 Datasheet
558Kb / 9P
Built-in high voltage MOSFET current mode PWM PFM controller series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com