Electronic Components Datasheet Search
  English  ▼

X  

SD6830 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SD6830
Description  CURRENT MODE PWMPFM CONTROLLER WITH BUILT-IN HIGH VOLTAGE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD6830 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SD6830 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Silan
Microelectronics
SD6834_Datasheet
FUNCTION DESCRIPTION
SD6834 is designed for off-line SMPS, consisting of high voltage MOSFET, optimized gate driver and current mode
PWM+PFM controller which includes frequency oscillator and various protections such as undervoltage lockout,
overvoltage protection, overload protection, primary winding overcurrent protection and over temperature protection.
Frequency jitter generated from oscillator is used to lower EMI. Burst mode is adopted during light load to lower
standby power dissipation, and function of lead edge blanking eliminates the MOSFET error shutdown caused by
interference through minimizing MOSFET turning on time. Peak current compensation reduces the pressure on
transformer during circuit starts and output power limit can be adjusted by resistor through CS pin. Few peripheral
components are needed for higher efficiency and higher reliability and it is suitable for flyback converter and forward
converter.
1.
Under Voltage Lockout and Self-Start
At the beginning, the capacitor connected to pin VCC is charged via start resistor by high voltage AC and the circuit
starts to work if voltage at VCC is 15.5V. The output and FB source current are shutdown if there is any protection
during normal operation and VCC is decreased because of powering of auxiliary winding. The whole control circuit is
shutdown if voltage at VCC is 8.3V below to lower current dissipation and the capacitor is recharged for restarting.
0
VCC
VSTART
VSTOP
0
ICC
t
t
Powered by
start resistor
Powered by
assistant winding
Powered by start resistor
2.
Frequency Jitter and reduced frequency mode
The oscillation frequency is kept changed for low EMI and decreasing radiation on one frequency. The oscillation
frequency changes within a very small range to simplify EMI design. The rule of frequency changing (frequency center
is 67KHz): ±2.5KHz change in 4ms, 63 frequency points in all.
For high efficiency, reduced frequency mode is adopted with two methods:
1.
Frequency is reduced according to current output from FB pin. If IFB is higher than I1, the frequency f decreases
from 67KHz and f is 25KHz when the IFB increases to I2 or higher. This is shown in left diagram below.
2.
IPK is changed according to IFB, shown in right diagram below.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.5
http: //www.silan.com.cn
Page 5 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com