Electronic Components Datasheet Search
  English  ▼

X  

SD6830 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SD6830
Description  CURRENT MODE PWMPFM CONTROLLER WITH BUILT-IN HIGH VOLTAGE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD6830 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SD6830 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Silan
Microelectronics
SD6834_Datasheet
TYPICAL OUPUT POWER CAPABILITY
Part No.
190~265V
85~265V
Adapter
Open
Adapter
Open
SD6830
14W
19W
12W
15W
BLOCK DIAGRAM
Vref
OLP
3
6
8
7
DRVU
- +
OTP
OSC
Dmax
STC
1
2
5
OB
OC
OC
IS
FB
GND
VCC
CS
COMP
UVP
OVP
FB
COMP
PWM
OE
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Rating
Unit
Drain-Gate Voltage (RGS=1MΩ)
VDGR
650
V
Gate-Source (GND) Voltage
VGS
±30
V
Drain Current Pulse
note1
IDM
10
A
Continuous Drain Current (Tamb=25°C)
ID
2.5
A
Signal Pulse Avalanche Energy
note2
EAS
140
mJ
Power Supply Voltage
VCC,MAX
28
V
Feedback input voltage
VFB
-0.3~7
V
Peak current sense voltage
VCS
-0.3~2
V
Allowable Power Dissipation
PD
6.3
W
Ambient thermal resistance
θja
77
°C/W
Surface thermal resistance
θjc
20
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Temperature Range
TORG
-25~+85
°C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.5
http: //www.silan.com.cn
Page 2 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com