Electronic Components Datasheet Search
  English  ▼

X  

SD6830 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SD6830
Description  CURRENT MODE PWMPFM CONTROLLER WITH BUILT-IN HIGH VOLTAGE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD6830 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SD6830 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SD6830 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Silan
Microelectronics
SD6834_Datasheet
Characteristics
Symbol
Rating
Unit
Storage Temperature Range
TSTG
-55~+150
°C
Note: 1. Pulse width is limited by maximum junction temperature;
2. L=51mH, TJ=25°C(start).
ELECTRICAL CHARACTERISTICS (for MOSFET,unless otherwise specified, Tamb=25
°C)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=50µA
650
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS=650V, VGS=0V
--
--
50
µA
VDS=480V, VGS=0V Tamb=125°C
--
--
200
µA
Static Drain-Source On Resistance
RDS(ON)
VGS=10V, ID=0.5A
2.3
3.4
4.5
Ω
VGS=10V, ID=1.25A
2.5
3.6
4.7
Ω
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1MHz
224
320
416
pF
Output Capacitance
COSS
VGS=0V, VDS=25V, f=1MHz
28
41
54
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1MHz
0.9
1.3
1.7
pF
Turn On Delay Time
TD(ON)
VDD=0.5BVDSS , ID=25mA
9.1
13
16.9
ns
Rise Time
TR
VDD=0.5BVDSS , ID=25mA
21.7
31
40.3
ns
Turn Off Delay Time
TD(OFF)
VDD=0.5BVDSS , ID=25mA
12.6
18
23.4
ns
Fall Time
TF
VDD=0.5BVDSS , ID=25mA
14
20
26
ns
ELECTRICAL CHARACTERISTICS (unless otherwise specified, V
CC=12V, Tamb=25°C)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Undervoltage Section
Start Threshold Voltage
VSTART
14.5
15.5
17.0
V
Stop Threshold Voltage
VSTOP
7.5
8.3
9.5
V
Oscillator Section
Max. Oscillate Frequency
fOSCMAX
VFB=3V
61
67
73
KHz
Min. Oscillate Frequency
fOSCMIN
VBURL<VFB<VBURHs
20
25
30
KHz
Frequency jitter
fMOD
Oscillate frequency is the maximum
±1.5
±2.5
±3.5
KHz
Frequency Change
With Temperature
--
25
°
C≤Tamb≤+85°C
--
±5
±10
%
Maximum Duty cycle
DMAX
72
77
82
%
Feedback Section
MAX. Feedback Source Current
IFBMAX
VFB=0V
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
(over load protection)
VSD
3.8
4.3
4.8
V
Shutdown Feedback Delay Time
TSD
FB is increased to 5V from 0V
instantly
15
27
40
ms
Shutdown Delay Current
IDELAY
VFB=5V
3
5.5
8
µA
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.5
http: //www.silan.com.cn
Page 3 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com