Electronic Components Datasheet Search
  English  ▼

X  

TS4994 Datasheet(PDF) 11 Page - Texas Instruments

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS4994 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS4994 Datasheet HTML 7Page - Texas Instruments TS4994 Datasheet HTML 8Page - Texas Instruments TS4994 Datasheet HTML 9Page - Texas Instruments TS4994 Datasheet HTML 10Page - Texas Instruments TS4994 Datasheet HTML 11Page - Texas Instruments TS4994 Datasheet HTML 12Page - Texas Instruments TS4994 Datasheet HTML 13Page - Texas Instruments TS4994 Datasheet HTML 14Page - Texas Instruments TS4994 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
TS4994
Electrical characteristics
11/35
Figure 15.
Power derating curves
Figure 16.
Open loop gain vs. frequency
0
25
50
75
100
125
0.0
0.2
0.4
0.6
AMR Value
Nominal Value
Ambiant Temperature ( C)
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 5V
ZL = 8
Ω + 500pF
Tamb = 25
°C
Figure 17.
Open loop gain vs. frequency
Figure 18.
Open loop gain vs. frequency
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 3.3V
ZL = 8
Ω + 500pF
Tamb = 25
°C
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 2.6V
ZL = 8
Ω + 500pF
Tamb = 25
°C
Figure 19.
Closed loop gain vs. frequency
Figure 20.
Closed loop gain vs. frequency
0.1
1
10
100
1000
10000
-40
-30
-20
-10
0
10
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 5V
Av = 1
ZL = 8
Ω + 500pF
Tamb = 25
°C
0.1
1
10
100
1000
10000
-40
-30
-20
-10
0
10
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 3.3V
Av = 1
ZL = 8
Ω + 500pF
Tamb = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com