Electronic Components Datasheet Search
  English  ▼

X  

TS4994 Datasheet(PDF) 13 Page - Texas Instruments

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS4994 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TS4994 Datasheet HTML 9Page - Texas Instruments TS4994 Datasheet HTML 10Page - Texas Instruments TS4994 Datasheet HTML 11Page - Texas Instruments TS4994 Datasheet HTML 12Page - Texas Instruments TS4994 Datasheet HTML 13Page - Texas Instruments TS4994 Datasheet HTML 14Page - Texas Instruments TS4994 Datasheet HTML 15Page - Texas Instruments TS4994 Datasheet HTML 16Page - Texas Instruments TS4994 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
TS4994
Electrical characteristics
13/35
Figure 27.
PSRR vs. frequency
Figure 28.
PSRR vs. frequency
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
μF
Cb=1
μF
Cb=0
20k
20
Cb=0.47
μF
Vcc = 2.6V
Vripple = 200mVpp
Inputs = Grounded
Av = 2.5, Cin = 4.7
μF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
μF
Cb=1
μF
Cb=0
20k
20
Cb=0.47
μF
Vcc = 5V
Vripple = 200mVpp
Inputs = Floating
Rfeed = 20k
Ω
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
Figure 29.
PSRR vs. frequency
Figure 30.
PSRR vs. frequency
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
μF
Cb=1
μF
Cb=0
20k
20
Cb=0.47
μF
Vcc = 3.3V
Vripple = 200mVpp
Inputs = Floating
Rfeed = 20k
Ω
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
μF
Cb=1
μF
Cb=0
20k
20
Cb=0.47
μF
Vcc = 2.6V
Vripple = 200mVpp
Inputs = Floating
Rfeed = 20k
Ω
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
Figure 31.
PSRR vs. common mode input
voltage
Figure 32.
PSRR vs. common mode input
voltage
012
345
-100
-80
-60
-40
-20
0
Cb=1
μF
Cb=0.47
μF
Cb=0.1
μF
Cb=0
Vcc = 5V
Vripple = 200mVpp
Inputs Grounded
F = 217Hz
Av = 1
RL
≥ 8Ω
Tamb = 25
°C
Common Mode Input Voltage (V)
0.0
0.6
1.2
1.8
2.4
3.0
-100
-80
-60
-40
-20
0
Cb=1
μF
Cb=0.47
μF
Cb=0.1
μF
Cb=0
Vcc = 3.3V
Vripple = 200mVpp
Inputs Grounded
F = 217Hz
Av = 1
RL
≥ 8Ω
Tamb = 25
°C
Common Mode Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com