Electronic Components Datasheet Search
  English  ▼

X  

TS4994 Datasheet(PDF) 19 Page - Texas Instruments

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS4994 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TS4994 Datasheet HTML 15Page - Texas Instruments TS4994 Datasheet HTML 16Page - Texas Instruments TS4994 Datasheet HTML 17Page - Texas Instruments TS4994 Datasheet HTML 18Page - Texas Instruments TS4994 Datasheet HTML 19Page - Texas Instruments TS4994 Datasheet HTML 20Page - Texas Instruments TS4994 Datasheet HTML 21Page - Texas Instruments TS4994 Datasheet HTML 22Page - Texas Instruments TS4994 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
TS4994
Electrical characteristics
19/35
Figure 63.
THD+N vs. frequency
Figure 64.
THD+N vs. frequency
100
1000
10000
0.01
0.1
1
10
Vcc=2.6V, Po=225mW
Vcc=5V, Po=850mW
RL = 8
Ω
Av = 7.5
Cb = 1
μF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
0.01
0.1
1
10
Vcc=2.6V, Po=225mW
Vcc=5V, Po=850mW
RL = 8
Ω
Av = 7.5
Cb = 0
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
Figure 65.
THD+N vs. frequency
Figure 66.
THD+N vs. frequency
100
1000
10000
1E-3
0.01
0.1
1
10
Vcc=2.6V, Po=155mW
Vcc=5V, Po=600mW
RL = 16
Ω
Av = 1
Cb = 1
μF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
1E-3
0.01
0.1
1
10
Vcc=2.6V, Po=155mW
Vcc=5V, Po=600mW
RL = 16
Ω
Av = 7.5
Cb = 1
μF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
Figure 67.
SNR vs. power supply voltage with
unweighted filter
Figure 68.
SNR vs. power supply voltage with
A-weighted filter
2.5
3.0
3.5
4.0
4.5
5.0
80
85
90
95
100
105
110
Av = 2.5
Cb = 1
μF
THD+N < 0.7%
Tamb = 25
°C
RL=16
Ω
RL=8
Ω
Power Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
80
85
90
95
100
105
110
Av = 2.5
Cb = 1
μF
THD+N < 0.7%
Tamb = 25
°C
RL=16
Ω
RL=8
Ω
Power Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com