Electronic Components Datasheet Search
  English  ▼

X  

TS4994 Datasheet(PDF) 21 Page - Texas Instruments

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS4994 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TS4994 Datasheet HTML 17Page - Texas Instruments TS4994 Datasheet HTML 18Page - Texas Instruments TS4994 Datasheet HTML 19Page - Texas Instruments TS4994 Datasheet HTML 20Page - Texas Instruments TS4994 Datasheet HTML 21Page - Texas Instruments TS4994 Datasheet HTML 22Page - Texas Instruments TS4994 Datasheet HTML 23Page - Texas Instruments TS4994 Datasheet HTML 24Page - Texas Instruments TS4994 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
TS4994
Application information
21/35
4
Application information
4.1
Differential configuration principle
The TS4994 is a monolithic full-differential input/output power amplifier. The TS4994 also
includes a common mode feedback loop that controls the output bias value to average it at
VCC/2 for any DC common mode input voltage. This allows the device to always have a
maximum output voltage swing, and by consequence, maximize the output power.
Moreover, as the load is connected differentially, compared to a single-ended topology, the
output is four times higher for the same power supply voltage.
The advantages of a full-differential amplifier are:
●
Very high PSRR (power supply rejection ratio).
●
High common mode noise rejection.
●
Virtually zero pop without additional circuitry, giving a faster start-up time compared
with conventional single-ended input amplifiers.
●
Easier interfacing with differential output audio DAC.
●
No input coupling capacitors required due to common mode feedback loop.
●
In theory, the filtering of the internal bias by an external bypass capacitor is not
necessary. But, to reach maximum performance in all tolerance situations, it is better to
keep this option.
The main disadvantage is:
●
As the differential function is directly linked to the mismatch between external resistors,
paying particular attention to this mismatch is mandatory in order to get the best
performance from the amplifier.
4.2
Gain in typical application schematic
Typical differential applications are shown in Figure 1 and Figure 2 on page 4.
In the flat region of the frequency-response curve (no Cin effect), the differential gain is
expressed by the relation:
where Rin = Rin1 = Rin2 and Rfeed = Rfeed1 = Rfeed2.
Note:
For the rest of this section, Avdiff will be called AV to simplify the expression.
4.3
Common mode feedback loop limitations
As explained previously, the common mode feedback loop allows the output DC bias voltage
to be averaged at VCC/2 for any DC common mode bias input voltage.
However, due to VICM limitation of the input stage (see Table 3 on page 6), the common
mode feedback loop can play its role only within a defined range. This range depends upon
A
V
diff
V
O+
V
O
–
Diff
input+
Diff
input-
–
------------------------------------------------------
R
feed
R
in
--------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com