Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5502 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 135 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 131Page - Texas Instruments TMS320VC5502 Datasheet HTML 132Page - Texas Instruments TMS320VC5502 Datasheet HTML 133Page - Texas Instruments TMS320VC5502 Datasheet HTML 134Page - Texas Instruments TMS320VC5502 Datasheet HTML 135Page - Texas Instruments TMS320VC5502 Datasheet HTML 136Page - Texas Instruments TMS320VC5502 Datasheet HTML 137Page - Texas Instruments TMS320VC5502 Datasheet HTML 138Page - Texas Instruments TMS320VC5502 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 190 page
background image
www.ti.com
(A ) The waveform relationship of CLKIN to CLKOUT depends on the multiply and divide factors chosen for the APLL synthesis and on the system
clock selected to drive CLKOUT. The waveform relationship shown in this figure is intended to illustrate the timing parameters only and may
differ based on configuration.
C1
C7
C6
C3
C4
C8
CLKIN
CLKOUT
C5
C9
Bypass Mode
5.6.5
EMIF Clock Options
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Figure 5-4. External Multiply-by-N Clock Timings
Table 5-6 through Table 5-8 assume testing over recommended operating conditions (see Figure 5-5 through
Figure 5-7).
Table 5-6. EMIF Timing Requirements for ECLKIN
(1) (2)
VC5502-200
VC5502-300
NO.
UNIT
MIN
MAX
E7
tc(EKI)
Cycle time, ECLKIN
10
16P
ns
E8
tw(EKIH)
Pulse duration, ECLKIN high
0.4 * tc(EKI)
ns
E9
tw(EKIL)
Pulse duration, ECLKIN low
0.4 * tc(EKI)
ns
E10
tt(EKI)
Transition time, ECLKIN
2
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 300 MHz, use P = 3.33 ns.
(2)
The reference points for the rise and fall transitions are measured at VIL MAX and VIHMIN.
Table 5-7. EMIF Switching Characteristics for ECLKOUT1
(1) (2) (3)
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MIN
MAX
E1
tc(EKO1)
Cycle time, ECLKOUT1
E – 1
E + 1
ns
E2
tw(EKO1H)
Pulse duration, ECLKOUT1 high
EH – 1
EH + 1
ns
E3
tw(EKO1L)
Pulse duration, ECLKOUT1 low
EL – 1
EL + 1
ns
E4
tt(EKO1)
Transition time, ECLKOUT1
1
ns
E5
td(EKIH-EKO1H)
Delay time, ECLKIN high to ECLKOUT1 high
3
13
ns
E6
td(EKIL-EKO1L)
Delay time, ECLKIN low to ECLKOUT1 low
3
13
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
E = the EMIF input clock (CPU clock, CPU/2 clock, or CPU/4 clock) period in ns for EMIF.
(3)
EH is the high period of E (EMIF input clock period) in ns and EL is the low period of E (EMIF input clock period) in ns for EMIF.
Submit Documentation Feedback
Specifications
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com