Electronic Components Datasheet Search
  English  ▼

X  

BC2 Datasheet(PDF) 4 Page - Clarke International

Part # BC2
Description  12V/24V 15A BATTERY CHARGER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

BC2 Datasheet(HTML) 4 Page - Clarke International

  BC2 Datasheet HTML 1Page - Clarke International BC2 Datasheet HTML 2Page - Clarke International BC2 Datasheet HTML 3Page - Clarke International BC2 Datasheet HTML 4Page - Clarke International BC2 Datasheet HTML 5Page - Clarke International BC2 Datasheet HTML 6Page - Clarke International BC2 Datasheet HTML 7Page - Clarke International BC2 Datasheet HTML 8Page - Clarke International BC2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
PLEASE READ BEFORE USING THIS UNIT
1. DO NOT use this charger/maintainer on Lithium Ion batteries.
2. Batteries can generate explosive gases during normal operation. ALWAYS use in
well ventilated area.
3. DO NOT smoke, strike a match or cause a spark in the vicinity of the battery or
engine. Avoid explosive gas, flames and sparks.
4. Remove all personal jewellery, such as rings, bracelets, necklaces and watches
while working with a vehicle battery. These items may produce a short circuit and
could cause severe burns.
5. Be extra cautious to reduce the risk of dropping a metal tool onto the battery. It
may spark or short circuit the battery or other electrical hardware which may
cause an explosion or fire.
6. Wear complete eye protection, hand and clothing protection. AVOID touching
eyes while working near a battery.
7. Study all battery manufacturers specific precautions, such as removing or not
removing cell caps while charging and recommended rates of charge.
8. Clean battery terminals before connection with the charger. If there is corrosion
on the terminals, AVOID eye contact.
9. When it is necessary to remove the battery from the vehicle to charge, ALWAYS
remove grounded terminal from the battery first. Make sure all accessories in the
vehicle are switched off in order to prevent an arc.
10. This charger is NOT intended to supply power to an extra low voltage electrical
system or to charge dry cell batteries. Charging dry cell batteries may cause the
battery to burst and cause injury to person or property.
11. NEVER charge a frozen, damaged, leaking or non rechargeable battery.
12. If battery electrolyte contacts skin or clothing, wash IMMEDIATELY with soap
and water. If electrolyte enters your eye, IMMEDIATELY flood eye with running
clean cold water for at least 15 minutes and seek medical attention immediately.
13. DO NOT place the charger in the engine compartment, near moving parts or near
the battery. Place as far away from them as the cable permits.
WARNING: ALWAYS SWITCH OFF THE CHARGER WHEN
CONNECTING OR DISCONNECTING LEADS TO AVOID SPARKING AS
HIGHLY INFLAMMABLE HYDROGEN GAS CAN BE RELEASED IN THE
PROCESS OF BATTERY CHARGING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com