Electronic Components Datasheet Search
  English  ▼

X  

BC2 Datasheet(PDF) 9 Page - Clarke International

Part # BC2
Description  12V/24V 15A BATTERY CHARGER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

BC2 Datasheet(HTML) 9 Page - Clarke International

Back Button BC2 Datasheet HTML 5Page - Clarke International BC2 Datasheet HTML 6Page - Clarke International BC2 Datasheet HTML 7Page - Clarke International BC2 Datasheet HTML 8Page - Clarke International BC2 Datasheet HTML 9Page - Clarke International BC2 Datasheet HTML 10Page - Clarke International BC2 Datasheet HTML 11Page - Clarke International BC2 Datasheet HTML 12Page - Clarke International BC2 Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
This product is designed to charge and maintain 12V/24V lead acid batteries with a
capacity of 4-300Ah. The charger has been optimised to maintain the battery of your
vehicle when it is not being used over longer periods of time, for example over the
winter. The charger is designed to charge Lithium Iron Phosphate (LiFePO4), AGM
and Standard Lead Acid batteries.
NOTE: DO NOT use to charge other types of Lithium batteries.
Any use other then described in this manual may damage this product and involves
the risk of short circuits, fire and/or electric shock.
CHARGER LOCATION
1. Place the charger as far away from the battery as possible. NEVER place the
charger on the battery or the battery on the charger.
2. DO NOT position the charger above the battery during the charging procedure.
Gases from the battery may corrode and damage the charger.
3. DO NOT let battery acid drip on the charger when reading a hydrometer for
specific gravity or when you fill the battery.
4. DO NOT use the charger in an enclosed space with reduced airflow.
5. During charging, if the temperature of the battery exceeds 40°C, the charging
current will be reduced. If the temperature exceeds 45°C, the charger will stop.
Charging will not recommence until the battery temperature reduces to safe limits.
PREPARING TO CHARGE
1. If it is necessary to remove the battery from the vehicle to charge, always remove
the grounded terminal from the battery first. Make sure all accessories in the
vehicle are off, so as not to cause an arc.
2. Make sure the area around the battery is well ventilated while the battery is being
charged.
3. Clean the battery terminals. Be careful to keep corrosion from coming in to
contact with eyes.
4. Add distilled water to each cell until battery acid reaches level specified by the
battery manufacturer. DO NOT overfill. For a battery without removable cells
caps, such as valve regulated lead acid batteries, carefully follow the
manufacturers recharging instructions.
5. Study all battery manufacturers specific precautions while charging and
recommended rates of charge.
6. Determine voltage of battery by referring to the vehicles manual and make sure
the output voltage mode is correct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com