Electronic Components Datasheet Search
  English  ▼

X  

BC2 Datasheet(PDF) 5 Page - Clarke International

Part # BC2
Description  12V/24V 15A BATTERY CHARGER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

BC2 Datasheet(HTML) 5 Page - Clarke International

  BC2 Datasheet HTML 1Page - Clarke International BC2 Datasheet HTML 2Page - Clarke International BC2 Datasheet HTML 3Page - Clarke International BC2 Datasheet HTML 4Page - Clarke International BC2 Datasheet HTML 5Page - Clarke International BC2 Datasheet HTML 6Page - Clarke International BC2 Datasheet HTML 7Page - Clarke International BC2 Datasheet HTML 8Page - Clarke International BC2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
14. NEVER place the charger directly above the battery being charged, gases or
fluids from the battery will corrode and/or damage the charger.
15. DO NOT cover the charger while charging.
16. DO NOT expose to rain or wet conditions.
17. Connect and disconnect the DC output connections only after disconnecting the
charger from the mains power supply.
18. Use of an attachment not recommended or sold by the manufacturer may result in
a risk of fire, electric shock or injury to persons.
19. DO NOT overcharge batteries by selecting the wrong charge mode.
20. To reduce the risk of damage to the electric plug and cord, pull by the plug rather
than the cord when disconnecting charger from mains power supply.
21. To reduce risk of electric shock, unplug charger from mains power supply before
attempting any maintenance or cleaning.
22. Operate with caution if the charger has received a direct hit of force or been
dropped. Have it checked and repaired if damaged.
23. NEVER attempt any repairs yourself. If you have a problem with your charger
contact your local CLARKE dealer or contact service@clarkeinternational.com
24. When charging is complete, ensure that the vehicle battery leads are secured to
the proper terminals which should be clean, and lightly smeared with petroleum
jelly to prevent corrosion. Finally, re-check the electrolyte level.
SYMBOLS
Before Use, Read The
Instructions Fully
For Indoor Use Only
Class II Appliance
Wear Eye Protection
Wear a Protective Mask
Wear Protective Gloves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com